Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

716 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # 716
Description  FREQUENCY RANGE TO 3GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

716 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  716 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. 716 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
51
COAXIAL CONNECTORS
716 Series
■ FREQUENCY RANGE TO 3GHz
■ THREADED COUPLING(M29×1.5)
716
Series
Waterproof large sized coaxial connectors with rugged shells
compliant with the general IEC60169-4 standard.
Panel mount type receptacles and jacks are available
Applicable frequencies : from DC up to 3GHz. High performance with
a VSWR
(voltage standing wave ratio)of 1.2 or less.
●Rugged and environmentally immune.
●Compatible with a wide variety of high power and low cost cables
of large diameters.
●A high degree of reliability provides stable electric continuity and
high frequency performance.
●Applications:Various Antennas for Mobile Communication Base
Station or Microwave Wireless radios,
Communications Equipment
■Types
●Panel Mount・Straight
4 Hole mount
P/N:716T001D00
Receptacle
●Panel Mount・Straight
4 Hole mount
P/N:716H001D13
Jack
(Note)This series can be connected to general-purpose(IEC60169-4)plugs.
In addition to independent cable application type, we also harness
products which satisfy your specification are available.
Refer to pages 109 to 111 for details.
■Guide to Operation Manuals
When using any of these products, please confirm the operation
manuals
(JAHL-20051-1).
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC3000Vr.m.s.(1minute)
10 gigaohms min.(DC1000V)
Center Contacts : 0.8 milliohms max.
Outer Contacts : 1.5 milliohms max.
1.2 max.(DC to 3GHz)
2.5D-V
Frequency Range
D. W. Voltage(Note)
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Receptacle:Copper Alloy/Silver Plated
Jack:Copper Alloy/Gold Plated
over Nickel
Socket Contacts
PTFE
Insulator
Copper Alloy/Nickel Plated
Shell
Silicone Rubber(Black)
O-ring
Copper Alloy/Nickel Plated
Ferrule
(Note)For the cable application type, the voltage is based on the specification of a
cable.
Receptacle:Copper Alloy/Silver Plated
Jack:Copper Alloy/Gold Plated
over Nickel
Pin Contacts
Receptacle:Copper Alloy/Silver Plated
Jack:Copper Alloy/Gold Plated
over Nickel
Outer Contacts


Similar Part No. - 716

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
716 JMK-716 Datasheet
38Kb / 1P
   The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
716 ETC2-716 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
WECO ELECTRICAL CONNECT...
716 WECO-716 Datasheet
127Kb / 1P
   Motor terminal boards similar to DIN 46294
12.19
logo
Qualtek Electronics Cor...
716-10-28 QUALTEK-716-10-28 Datasheet
348Kb / 1P
   AC RECEPTACLE
716-10-63 QUALTEK-716-10-63 Datasheet
348Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 716

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CV10 JAE-CV10 Datasheet
320Kb / 7P
   FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
   FREQUENCY RANGE TO 3GHz
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
   FREQUENCY RANGE TO 3GHz
logo
TE Connectivity Ltd
HF3 TEC-HF3 Datasheet
790Kb / 6P
   Frequency range DC to 3GHz
logo
Japan Aviation Electron...
BNC JAE-BNC Datasheet
413Kb / 11P
   FREQUENCY RANGE TO 3GHz竊?0廓Type竊
logo
Linear Technology
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
Japan Aviation Electron...
CF2 JAE-CF2 Datasheet
326Kb / 8P
   FREQUENCY RANGE TO 6GHz
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
   Frequency Range 16kHz to 600kHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com