Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC21C Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21C
Description  Insulated shaft type with a wide variety of applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21C Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  EC21C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
264
List of Varieties
Encoders
Type
Insulated shaft
Hollow shaft
12mm size
18mm size
5mm size
10mm size
Series
EC12E
EC12D
EC18A
EC05E
EC10E
Photo
Output
Incremental(Two phase A and B )
Absolute type
Incremental(Two phase A and B )
Shaft types
Single-shaft
Hollow shaft
Operating direction
Vertical
Vertical Horizontal
Horizontal
Number of pulse /
Number of detent
12 / 12
24 / 24
24 / Without
15 / 30
12 positions
16 positions
12 / 12
12 / 24
12 / 12
Features
With push-on switch
Water resisting
performance(IPX7)
Surface
mount type
Dimensions
(mm)
W
12.4
12.5
18.8
5.7
7.5
9.8
D
13.2
11.7
18
6
3.3
4.4
H
5
8.75
2.7
7.25
10.6 / 12.6 / 14.6
Operating temperature range
−10℃ to +70℃
−40℃ to +85℃
—20℃ to +60℃
−30℃ to + 85℃
−5℃ to + 45℃
−30℃ to + 85℃(For Automotive)
Operating life
15,000 cycles
30,000 cycles
30,000 cycles
100,000 cycles
Automotive use
Life cycle (availability)
Electrical
performance
Rating
0.5mA 5V DC
1mA 5V DC
1mA 10V DC
0.55mA 5.5V DC
1mA 5V DC
Max./min. operating
current(Resistive load)
5mA / 0.5mA
10mA / 1mA
0.55mA / −
Insulation resistance
10MΩ min.
50V DC
100MΩ min.
250V DC
10MΩ min. 250V DC
50MΩ min. 50V DC
Voltage proof
50V AC for
1 minute
300V AC for 1 minute
or 360V AC for 1s
50V AC for 1 minute
or 60V AC for 2s
50V AC for 1 minute
Mechanical
performance
Rotational torque
(Without detent)
10mN・m max.
25±15mN・m
40±15mN・m
Detent torque
3±2mN・m
3 to 20mN・m
5±3mN・m
10±5mN・m
60±20mN・m
1.6±1.3mN・m
5±3mN・m
6±3mN・m
Push-pull
strength
80N
100N
Push 100N /
pull 50N
Shaft configuration
Flat, Hollow Shaft
Flat
Hollow shaft
Terminal type
Insertion
Reflow
Insertion
Switch
Specifications
Switch type
Push-on switch
Contact
arrangement
Single pole and
single throw(Push-on)
Travel(mm)
0.5±0.3
Operating force
(N)
3
+ 1.5
−1
6
+ 2.5
− 2
Rating
1mA 5V DC
(10mA 5V DC max. ratings)
Contact
resistance
100m Ω max. for initial period;
200m Ω max. after
operating life.
Operating life
30,000 times
Page
287
291
293
295
Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 307
Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 308
Notes
1. The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
2. Indicates applicability to all products in the series, while indicates applicability to some products in the series.


Similar Part No. - EC21C

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC21C ALPS-EC21C Datasheet
649Kb / 2P
   Compatible with reflow soldering, allowing mounting at the same time as other surface mount components
EC21C ALPS-EC21C Datasheet
1Mb / 4P
   21mm Size Ring Type
EC21C1520401 ALPS-EC21C1520401 Datasheet
1Mb / 4P
   21mm Size Ring Type
logo
List of Unclassifed Man...
EC21C1520402 ETC-EC21C1520402 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC21C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
logo
Rochester Electronics
CLC425A ROCHESTER-CLC425A Datasheet
609Kb / 1P
   ULTRA LOW NOISE OP AMP with a wide variety of applications Operational Amplifier
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com