Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ2 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ2
Description  FREQUENCY RANGE TO 3GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ2 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  CJ2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
76
COAXIAL CONNECTORS
CJ2 Series
■TYPES AND COMBINATIONS
Dimensions in millimeters
●Housing・Straight
P/N:CMJ2-6S
●Contact
P/N:CJ2F00※D**
●Through-hole Solder・Right-angle
P/N:2 Contacts・CJ2N001D000
P/N:4 Contacts・CJ2N002D000
P/N:6 Contacts・CJ2N003D000
Plug
(For Daughter Card)
Jack
(For Back Plane)
13∼13.5
Reference Plane
Daughter Board
Back Board


Similar Part No. - CJ2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
CJ2-18GK-N PF-CJ2-18GK-N Datasheet
240Kb / 2P
   Capacitive sensor
logo
American Accurate Compo...
CJ201003DB AAC-CJ201003DB Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DK AAC-CJ201003DK Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DM AAC-CJ201003DM Datasheet
740Kb / 5P
   Thick Film Chip Resistors
CJ201003DO AAC-CJ201003DO Datasheet
740Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - CJ2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CV10 JAE-CV10 Datasheet
320Kb / 7P
   FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
   FREQUENCY RANGE TO 3GHz
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
logo
TE Connectivity Ltd
HF3 TEC-HF3 Datasheet
790Kb / 6P
   Frequency range DC to 3GHz
logo
Japan Aviation Electron...
BNC JAE-BNC Datasheet
413Kb / 11P
   FREQUENCY RANGE TO 3GHz竊?0廓Type竊
logo
Linear Technology
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
Japan Aviation Electron...
CF2 JAE-CF2 Datasheet
326Kb / 8P
   FREQUENCY RANGE TO 6GHz
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
   Frequency Range 10kHz to 600kHz
CX2VSM EUROQUARTZ-CX2VSM Datasheet
292Kb / 2P
   Frequency Range 16kHz to 600kHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com