Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H351 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H351
Description  Quad TTL/NMOS to PECL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H351 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H351 Datasheet HTML 1Page - ON Semiconductor MC10H351 Datasheet HTML 2Page - ON Semiconductor MC10H351 Datasheet HTML 3Page - ON Semiconductor MC10H351 Datasheet HTML 4Page - ON Semiconductor MC10H351 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H351
www.onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (VCC = VCC1 = VCC2 = 5.0 V ± 5.0%)†
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
ECL
Power Supply
50
45
50
mA
TTL
Current
20
15
20
mA
IR
IINH
Reverse Current
Pins 7, 8, 12, 14
Pin 9
25
100
20
80
25
100
mA
IF
IINL
Forward Current
Pins 7, 8, 12, 14
Pin 9
−0.8
−3.2
−0.6
−2.4
−0.8
−3.2
mA
V(BR)in
Input Breakdown
Voltage
5.5
5.5
5.5
Vdc
VI
Input Clamp Voltage
(Iin = −18 mA)
−1.5
−1.5
−1.5
Vdc
VOH
High Output
Voltage (Note 1.)
3.98
4.16
4.02
4.19
4.08
4.27
Vdc
VOL
Low Output
Voltage (1)
3.05
3.37
3.05
3.37
3.05
3.37
Vdc
VIH
High Input Voltage
2.0
2.0
2.0
Vdc
VIL
Low Input Voltage
0.8
0.8
0.8
Vdc
†Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Outputs are terminated through a 50 W resistor to VCC −2.0 Vdc.
*Positive Emitter Coupled Logic
1. With VCC at 5.0 V. VOH/VOL change 1:1 with VCC.
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay (Note 2)
0.4
2.2
0.4
2.2
0.4
2.1
ns
tr
Rise Time (20% to 80%)
0.4
1.9
0.4
2.0
0.4
2.1
ns
tf
Fall Time (80% to 20%)
0.4
1.9
0.4
2.0
0.4
2.1
ns
fmax
Maximum Operating Frequency
150
150
150
MHz
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Propagation delay is measured on this circuit from +1.5 V on the input waveform to the 50% point on the output waveform.


Similar Part No. - MC10H351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
More results

Similar Description - MC10H351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H351 MICREL-SY10H351 Datasheet
60Kb / 4P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com