Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMJ3-L6P Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # CMJ3-L6P
Description  HIGH DENSITY MULTIPLE TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CMJ3-L6P Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

Back Button CMJ3-L6P Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. CMJ3-L6P Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
84
COAXIAL CONNECTORS
CJ3 Series
Dimensions in millimeters
■PLUG(For Daughter Card)
Housing
・Right-angle Type
Intermatable with JACK
(81 to 83 Page)
3 Contacts
Part Number
:CMJ3-N3S
7.5±0.1
15±0.15
3.7
(24.9)
JAE
1.6
+0.1
 0
12.8
 0
−0.3
7.8
3-6.1
+0.1
 0
5.25±0.1
7.5±0.1
15±0.1
6.2
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 1.6mm)
5.25±0.05
7.5±0.05
15±0.1
5-φ2
(UNPLATED HOLE)
+0.05
 0
(Note)For applicable contact, see page 89.


Similar Part No. - CMJ3-L6P

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMJ3500 CENTRAL-CMJ3500 Datasheet
742Kb / 3P
   SURFACE MOUNT SILICON CURRENT LIMITING DIODE
CMJ3500 CENTRAL-CMJ3500 Datasheet
1Mb / 2P
   Current Limiting Diodes
More results

Similar Description - CMJ3-L6P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
List of Unclassifed Man...
P302AB ETC2-P302AB Datasheet
85Kb / 4P
   Multiple Density Solder Eyelet
P-306-DB ETC2-P-306-DB Datasheet
60Kb / 2P
   Multiple Density Solder Eyelet
CM315 ETC2-CM315 Datasheet
735Kb / 1P
   HIGH-DENSITY SMD TYPE
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Tiger Electronic Co.,Lt...
PC817D TGS-PC817D Datasheet
173Kb / 4P
   High Density DIP Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com