Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKHU Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHU
Description  Soldering of the frame realizes higher solder strength
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHU Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHU Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHU Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHU Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
191
191
 
Type
Sharp Feeling Type
Surface Mount
Series
SKHU
SKTD
SKSN
SKTG
SKSL
SKSC
SKRT
SKRV
SKRH
Photo
Features
Low–profile Mid-mount
Half-mount
Low–profile
4–direction switch
+push switch
Water-proof
Dust-proof
IP standard
67 equivalency
67 equivalency
Operating
direction
Top push
Side push
Dimensions
(mm)
W
6.2
3.9
6.2
5.2
4.5
3.5
4.5
6.45
7.35
D
6.3
2.9
3
3.5
2.6
3.55
3.4
6.4
7.5
H
2.5/3.1
1.55
3.5
1.55
2.2
1.25
3.3
4
5
Operation
force
coverage
to 1N
See the relevant pages for
respective product description
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
0.25
0.15
0.2
0.15
0.2
See the relevant pages for
respective product description
Ground terminal
Operating temperature range −40℃ to +85℃ −30℃ to +85℃ −40℃ to +85℃
−30℃ to +85℃
−40℃ to +90℃ −20℃ to +70℃ −40℃ to +85℃
Automotive use
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
50mA 12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation resistance
100MΩ min. 100V DC 1min.
Voltage proof
250V AC 1min. 100V AC 1min.
250V AC 1min.
100V AC 1min.
250V AC 1min.
100V AC 1min.
Durability
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−40℃ 96h
−30℃ 96h −40℃ 96h
Dry heat
90℃ 96h
85℃ 96h
90℃ 96h
85℃ 96h
90℃ 96h
80℃ 96h
90℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
Page
237
239
240
241
242
243
245
453
454
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. Indicates applicability to all products in the series, while indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.
NEW


Similar Part No. - SKHU

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHUAKE010 ALPS-SKHUAKE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUAKE010 ALPS-SKHUAKE010 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUALE010 ALPS-SKHUALE010 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
SKHUAME010 ALPS-SKHUAME010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
More results

Similar Description - SKHU

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARM-LA0115 AAEON-ARM-LA0115 Datasheet
182Kb / 1P
   SUSPA Series System Ensures The Stability Of Product And Strength Of Quality
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
   Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
List of Unclassifed Man...
SP-301 ETC2-SP-301 Datasheet
883Kb / 1P
   Solder Pots For lead-Free Soldering
logo
NEC
M100 NEC-M100 Datasheet
373Kb / 2P
   AN ENTRY-LEVEL DEVICE WITH THE OPERABILITY AND FUNCTIONALITY OF A HIGHER CLASS
logo
WECO ELECTRICAL CONNECT...
983-ML-2.8 WECO-983-ML-2.8 Datasheet
85Kb / 1P
   Screw/solder connector block with soldering tags
03.19
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
   High case dielectric strength of 2500 V
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
logo
TDK Electronics
MLK1005S1N0ST000 TDK-MLK1005S1N0ST000 Datasheet
127Kb / 10P
   With the adoption of a giga-spiral laminated structure, a self-resonant frequency higher than that of the MLG structure can be obtained,
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com