Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ3A002D37 Datasheet(PDF) 11 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ3A002D37
Description  HIGH DENSITY MULTIPLE TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ3A002D37 Datasheet(HTML) 11 Page - Japan Aviation Electronics Industry, Ltd.

Back Button CJ3A002D37 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. CJ3A002D37 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
88
COAXIAL CONNECTORS
CJ3 Series
■PLUG(For Daughter Card)
Housing
・Right-angle Type
Intermatable with JACK
(81 to 83 Page)
Dimensions in millimeters
■ 6 Contacts
With Hexagon Nut
Part Number
:CMJ3-L6SS
7.5±0.1
7.5±0.1
15±0.15
15±0.15
12.5
50
 0
−0.3
JAE
16
 0
−0.2
12.8
 0
−0.3
7.8
6-6.1
+0.1
 0
12.5±0.1
27.5±0.15
42.5±0.15
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 1.6mm)
12.5±0.05
27.5±0.1
42.5±0.1
6-φ2
+0.05
 0
2-φ2.2±0.05
(UNPLATED HOLE)
(UNPLATED HOLE)
(Note)For applicable contact, see page 89.


Similar Part No. - CJ3A002D37

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
CJ30-50K10-E0123-Y46139 PF-CJ30-50K10-E0123-Y46139 Datasheet
279Kb / 2P
   Capacitive sensor
logo
ZP Semiconductor
CJ303NL ZPSEMI-CJ303NL Datasheet
859Kb / 2P
   SOT-89-3L Plastic-Encapsulate Transistors
CJ303NL-TO92 ZPSEMI-CJ303NL-TO92 Datasheet
862Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
CJ303PL ZPSEMI-CJ303PL Datasheet
886Kb / 2P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
CJ303PL DGNJDZ-CJ303PL Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - CJ3A002D37

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
List of Unclassifed Man...
P302AB ETC2-P302AB Datasheet
85Kb / 4P
   Multiple Density Solder Eyelet
P-306-DB ETC2-P-306-DB Datasheet
60Kb / 2P
   Multiple Density Solder Eyelet
CM315 ETC2-CM315 Datasheet
735Kb / 1P
   HIGH-DENSITY SMD TYPE
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Tiger Electronic Co.,Lt...
PC817D TGS-PC817D Datasheet
173Kb / 4P
   High Density DIP Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com