Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN10 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # CN10
Description  PUSH-ON COUPLING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CN10 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  CN10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CN10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CN10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CN10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CN10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CN10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CN10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
66
COAXIAL CONNECTORS
CN10 Series
■PLUG
Intermatable with RECEPTACLE
(65 Page)
Dimensions in millimeters
■Straight・Cable Assembly
18
●Applicable Cables:0.8D-2W/1.5D-2V/1.5D-2W Equivalent
For Cable application type, harnessed connectors which satisfy your specification are supplied. For details please consult us.
18.15
●Applicable Cables:2.5D-2V Equivalent
■Right-angle・Cable Assembly
10.4
φ4.5 max.
●Applicable Cables:0.8D-2W/1.5D-2V/1.5D-2W Equivalent


Similar Part No. - CN10

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CN100 CDIL-CN100 Datasheet
52Kb / 3P
   PNP SILICON PLANA TRANSISTOR
logo
TDK Electronics
CN100A110-12 TDK-CN100A110-12 Datasheet
261Kb / 2P
   30W to 200W 60 to 160VDC Input DC-DC Converters
CN100A110-12 TDK-CN100A110-12 Datasheet
142Kb / 2P
   DC-DC Converters
CN100A110-12-CO TDK-CN100A110-12-CO Datasheet
142Kb / 2P
   DC-DC Converters
CN100A110-12/CO TDK-CN100A110-12/CO Datasheet
142Kb / 2P
   DC-DC Converters
More results

Similar Description - CN10

ManufacturerPart #DatasheetDescription
logo
ORION FANS
G60POG ORIONFANS-G60POG Datasheet
192Kb / 1P
   Push-On Guards
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
   30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
logo
CW Industries
GC-536-0002 CWIND-GC-536-0002 Datasheet
132Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T.
GC-536-0203 CWIND-GC-536-0203 Datasheet
109Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T.
logo
Tyco Electronics
B-106-3631 MACOM-B-106-3631 Datasheet
38Kb / 1P
   DURASEAL PUSH-ON RECEPTACLE
logo
Pomona Electronics
6713 POMONA-6713 Datasheet
77Kb / 1P
   Adapter Push-on Plug Jack
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
logo
Glenair, Inc.
440M-135 GLENAIR-440M-135 Datasheet
231Kb / 1P
   Rotatable Coupling Band-Master ATS Thread-On Adapter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com