Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD4RA40JA1R1500 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DD4RA40JA1R1500
Description  High-speed Transmission Compatible Low-profile Docking Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DD4RA40JA1R1500 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DD4RA40JA1R1500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DD4RA40JA1R1500 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MB-0270-1
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
2/12
Component
Material and Finish
Shell
Stainless-steel / Ni plating
Insulator
Synthetic resin
Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
■Receptacle
Component
Material and Finish
Shell
Stainless-steel / Ni plating
Lock Spring
Stainless-steel
Inner Insulator
Synthetic resin
Base Insulator
Synthetic resin
Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
■Plug
Component
Material and Finish
Shell
Stainless-steel / Ni plating
Cap
Synthetic resin
Inner Insulator
Synthetic resin
Base Insulator
Synthetic resin
Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
■Cradle
■No. of Contacts: 40 pos.
■Contact Resistance:
50m
 max. (initial)
■Dielectric Withstanding Voltage:
AC300Vr.m.s for 1 minute
■Operating Temperature:
-25 Deg. C to +75 Deg. C
Materials and Finishes
General Specifications
■Rated Current:
0.1A / 1 pos. (signal)
1.1A / 1pos. (power)
■Insulation Resistance:
100M
 min. (initial)
■Life time: 5,000 times


Similar Part No. - DD4RA40JA1R1500

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
DD40 REICU-DD40 Datasheet
903Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD40-12S05 REICU-DD40-12S05 Datasheet
903Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD40-12S12 REICU-DD40-12S12 Datasheet
903Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD40-12S15 REICU-DD40-12S15 Datasheet
903Kb / 1P
   DC/DC CONVERTER
REV:15.1
DD40-12S24 REICU-DD40-12S24 Datasheet
903Kb / 1P
   DC/DC CONVERTER
REV:15.1
More results

Similar Description - DD4RA40JA1R1500

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX38 JAE-MX38 Datasheet
446Kb / 8P
   Automotive High-speed Differential Transmission Compatible Connector
logo
Molex Electronics Ltd.
SD-75018-010 MOLEX11-SD-75018-010 Datasheet
403Kb / 3P
   HIGH SPEED DOCKING FIXED CONNECTOR
logo
Japan Aviation Electron...
FI-XBD7S-HF10 JAE-FI-XBD7S-HF10 Datasheet
772Kb / 12P
   LCD interface connector compatible with high-speed differential transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
logo
Murata Manufacturing Co...
LXES2SBAA4-114 MURATA-LXES2SBAA4-114 Datasheet
157Kb / 2P
   Low-speed Transmission line
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
   Docking Connector Compatible with PCI Express
logo
Murata Manufacturing Co...
LXES03TAA1-142 MURATA-LXES03TAA1-142 Datasheet
154Kb / 2P
   Low-speed Transmission line
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
   High-speed Transmission Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com