Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF02P026G28A1 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02P026G28A1
Description  Half-pitch (1.27mm) Interface Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02P026G28A1 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  DF02P026G28A1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
4/11
DF 02 R *** N A *
Type
R: Receptacle
Type
N: Angle T/H
Plating
A: Contact area Au0.1μ min., terminal area Au
3:Flow type
[Receptacle]
No. of
Contacts
Part Number
Drawing
A
B
C
D
E
F
G
H
14
DF02R014NA3 SJ116104 12.64 19.5
9.6
7.62
23.64 29.5 19.9 23.64
20
DF02R020NA3 SJ116105 16.45 23.4 13.4 11.43 27.45 33.4 23.8 27.45
26
DF02R026NA3 SJ116111 20.26 27.2 17.2 15.24 31.26 37.2 27.6 31.26
36
DF02R036NA3 SJ116106 26.61 33.5 23.6 21.59 37.61 43.5 33.9 37.61
50
DF02R050NA3 SJ116112 35.5
42.4 32.5 30.48
46.5
52.4 42.8
46.5
Series
Development No.
No. of Contacts
Modification Code
<When attached to board>
<Panel Attachment Dimensions>
<Applicable Board Dimensions>


Similar Part No. - DF02P026G28A1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF02 WTE-DF02 Datasheet
50Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
DF02 DIOTECH-DF02 Datasheet
752Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
DF02 FS-DF02 Datasheet
453Kb / 2P
   GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF02 SSE-DF02 Datasheet
14Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DF02 PFS-DF02 Datasheet
171Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF02P026G28A1

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS3H7 ISOCOM-IS3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
EL3H7 ISOCOM-EL3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
PC3H7 ISOCOM-PC3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
PS2801 ISOCOM-PS2801 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
TLP281 ISOCOM-TLP281 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
IS280 ISOCOM-IS280 Datasheet
637Kb / 10P
   Half Pitch 1.27mm
logo
Hirose Electric
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
logo
SUYIN USA, INC.
127226MS SUYIN-USA-127226MS Datasheet
219Kb / 1P
   1.27mm PITCH PCI CONNECTOR
logo
DDK Ltd.
DHL-PA40-S13NA-FG DDK-DHL-PA40-S13NA-FG Datasheet
247Kb / 3P
   1.27mm Pitch Stacking Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com