Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP1RD20JQ1 Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # DP1RD20JQ1
Description  DisplayPortTM Standard Digital Interface Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DP1RD20JQ1 Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DP1RD20JQ1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. DP1RD20JQ1 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MB-0192-1
10/12
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
DisplayPort to DisplayPort Cable
S: Connection Method
DP1 P 020 S T3 200
LB
T3:Twinax AWG 30
T2: Twinax AWG 32
Cable Length (cm)
LB: with latch/ Black
B: without latch/ Black
DP1P020ST3xxxLB (SJ108712)
DP1P020ST2xxxLB (SJ108713) (HBR: 2.7Gbps)
Ordering Information
Unit: mm
No. of Contact: 20
P: Plug
Series


Similar Part No. - DP1RD20JQ1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DP1RD20JQ1 JAE-DP1RD20JQ1 Datasheet
128Kb / 1P
   CONTACT COPPER ALLOY
More results

Similar Description - DP1RD20JQ1

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DC1 JAE-DC1 Datasheet
333Kb / 9P
   HDMI Standard Digital Interface Connector
logo
ON Semiconductor
NCT75 ONSEMI-NCT75 Datasheet
144Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
May, 2014 ??Rev. 6
NCT75DR2G ONSEMI-NCT75DR2G Datasheet
216Kb / 14P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
August, 2012 ??Rev. 3
NCT375 ONSEMI-NCT375 Datasheet
191Kb / 16P
   Industry Standard Digital Temperature Sensor with 2?릛ire Interface
June, 2015 ??Rev. 0
logo
Adam Technologies, Inc.
DVI-SL-24-1 ADAM-TECH-DVI-SL-24-1 Datasheet
92Kb / 1P
   DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2-368 ADAM-TECH-DVI-ST-24-2-368 Datasheet
87Kb / 1P
   DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2 ADAM-TECH-DVI-ST-24-2 Datasheet
133Kb / 1P
   DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2-01 ADAM-TECH-DVI-ST-24-2-01 Datasheet
90Kb / 1P
   DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVI-ST-24-2-JS ADAM-TECH-DVI-ST-24-2-JS Datasheet
135Kb / 1P
   DVI CONNECTOR DIGITAL VIDEO INTERFACE
DVISL241 ADAM-TECH-DVISL241 Datasheet
132Kb / 1P
   DVI CONNECTOR DIGITAL VIDEO INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com