Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQMS-144 Datasheet(PDF) 3 Page - IQD Frequency Products Ltd

Part # IQMS-144
Description  MEMS Oscillator Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQMS-144 Datasheet(HTML) 3 Page - IQD Frequency Products Ltd

  IQMS-144 Datasheet HTML 1Page - IQD Frequency Products Ltd IQMS-144 Datasheet HTML 2Page - IQD Frequency Products Ltd IQMS-144 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IQMS-144
MEMS Oscillator Specification
Electrical Specification - maximum limiting values 3.3V ±10%
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Rise and Fall
Time (80/20%)
Duty Cycle
°C
ppm
mA
ns
%
69
0.7
-20 to 70
1.0MHz
220.0MHz
±10.0
45/55%
69
0.7
-40 to 85
±10.0
45/55%
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 31 Aug 16 15:59 using Model Data Sheet V1.2550
Page 3 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQMS-144

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQMS-141 IQD-IQMS-141 Datasheet
142Kb / 3P
   MEMS Oscillator Specification
IQMS-142 IQD-IQMS-142 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
IQMS-143 IQD-IQMS-143 Datasheet
142Kb / 3P
   MEMS Oscillator Specification
IQMS-145 IQD-IQMS-145 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-146 IQD-IQMS-146 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
More results

Similar Description - IQMS-144

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQMS-142 IQD-IQMS-142 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
IQMS-146 IQD-IQMS-146 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-133 IQD-IQMS-133 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-136 IQD-IQMS-136 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
IQMS-141 IQD-IQMS-141 Datasheet
142Kb / 3P
   MEMS Oscillator Specification
IQMS-138 IQD-IQMS-138 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-147 IQD-IQMS-147 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-137 IQD-IQMS-137 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-134 IQD-IQMS-134 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-135 IQD-IQMS-135 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com