Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQOV-60 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQOV-60
Description  OCXO Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-60 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQOV-60 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-60 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IQOV-60
OCXO Specification
Output Details
Output Compatability
HCMOS/Sinewave
Available with either HCMOS or Sinewave output
HCMOS Typical Parameters (15pF load):
Rise and fall time: 10ns max
Duty Cycle 45/55%
Sinewave Typical Parameters (50ohm load):
Output Level: 6 to 10dBm
Harmonic Suppression: -30dBc max
Spurious Suppression: -60dBc max
Noise Parameters
Phase Noise typical figures @ 10.0MHz (dBc/Hz):
Offset Typ Max
1Hz
-90
-80
10Hz
-120 -110
100Hz
-140 -130
1kHz
-145 -140
10kHz
-150 -145
100kHz -150 -145
Allan Variance Example: 1E-11 for 1s
Environmental Parameters
Storage Temperature Range: -55 to 105°C
Vibration: IEC 68-2-06 Test Fc, Test condition 0.75mm 10G
acceleration 10Hz to 500Hz, one cycle per 30mins 2hrs test
time
Shock: IEC 68-2-27, 50G, 11ms, half sine, 3 times in 3
directions
Ordering Information
Minimum data needed to open an enquiry:-
Frequency
Model
Supply Voltage
Output
Frequency Stability (over operating temperature range)
Operating Temperature Range
Frequency Adjustment
Reference Voltage Output
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Supplied tube or box packaging
Pack Style: Bulk
Pack Size: 60
Electrical Specification - example values 3.3V
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppb
mA
ns
%
10
0 to 60
4.0MHz
20.0MHz
±3.0
-
45/55
10
-40 to 75
±5.0
-
45/55
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 26 Apr 16 10:40 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQOV-60

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQOV-160 IQD-IQOV-160 Datasheet
515Kb / 2P
   Frequency 5.0MHz to 100.0MHz
IQOV-162 IQD-IQOV-162 Datasheet
960Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-200F IQD-IQOV-200F Datasheet
1Mb / 2P
   OCXO Specification
More results

Similar Description - IQOV-60

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-71 IQD-IQOV-71 Datasheet
167Kb / 5P
   OCXO Specification
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQCM-100 IQD-IQCM-100 Datasheet
479Kb / 6P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com