Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQOV-71-14 Datasheet(PDF) 5 Page - IQD Frequency Products Ltd

Part # IQOV-71-14
Description  OCXO Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-71-14 Datasheet(HTML) 5 Page - IQD Frequency Products Ltd

  IQOV-71-14 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-71-14 Datasheet HTML 2Page - IQD Frequency Products Ltd IQOV-71-14 Datasheet HTML 3Page - IQD Frequency Products Ltd IQOV-71-14 Datasheet HTML 4Page - IQD Frequency Products Ltd IQOV-71-14 Datasheet HTML 5Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IQOV-71
OCXO Specification
IQOV-71-28
M5857LF
25MHz
BCM560xx, BCM561xx,
BCM562xx, BCM563xx,
BCM564xx, BCM56440,
BCM565xx, BCM566xx,
BCM567xx, BCM56750,
BCM568xx, BCM56850
Broadcom
IQOV-71-29
M5858LF
12.8MHz
BCM560xx, BCM561xx,
BCM562xx, BCM563xx,
BCM564xx, BCM56440,
BCM565xx, BCM566xx,
BCM567xx, BCM56750,
BCM568xx, BCM56850
Broadcom
IQOV-71-30
M5859LF
25MHz
BCM560xx, BCM561xx,
BCM562xx, BCM563xx,
BCM564xx, BCM56440,
BCM565xx, BCM566xx,
BCM567xx, BCM56750,
BCM568xx, BCM56851
Broadcom
IQOV-71-31
M5942LF
49.152MHz
ZL30152, ZL30155, ZL30157,
ZL30159, ZL30160, ZL30165,
ZL30145, ZL30146, ZL30150,
ZL30152, ZL30155, ZL30158,
ZL30159, ZL30160, ZL30165,
MAX24
Microsemi
IQOV-71-32
M5948LF
50MHz
BCM560xx, BCM561xx,
BCM562xx, BCM563xx,
BCM564xx, BCM56440,
BCM565xx, BCM566xx,
BCM567xx, BCM56750,
BCM568xx, BCM56853
Broadcom
IQOV-71-33
M6141LF
12.8MHz
IDT8V97051
IDT
IQOV-71-34
M6326LF
20MHz
TopPort Boundary Clock module
Semtech
IQOV-71-35
M6328LF
30.72MHz
CNF71xx
Cavium
IQOV-71-38
M6635LF
25MHz
TBA
Vitesse
Printed on 22 Sep 16 14:44 using Model Data Sheet V1.2550
Page 5 of 5
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQOV-71-14

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-70 IQD-IQOV-70 Datasheet
1Mb / 2P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-72-3 IQD-IQOV-72-3 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQOV-74-1 IQD-IQOV-74-1 Datasheet
457Kb / 4P
   OCXO Specification
More results

Similar Description - IQOV-71-14

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQCM-100 IQD-IQCM-100 Datasheet
479Kb / 6P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com