Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQOV-90 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQOV-90
Description  OCXO Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-90 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQOV-90 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-90 Datasheet HTML 2Page - IQD Frequency Products Ltd IQOV-90 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IQOV-90
OCXO Specification
ISSUE 2; April 2016
Outline (mm)
Description
Small SMD case style/low height with hermetically sealed oven
controlled crystal oscillator (OCXO)
Tight temperature stability
Low phase noise and short term stability optimised design
AT-Cut and SC-Cut crystal designs
Optional reference voltage
Please note: This document is intended to illustrate the
general capability and versatility of IQD’s design. For specific
enquiries please contact one of IQD’s sales offices where we
can tailor a unique specification to meet your needs.
Frequency Parameters
Frequency
10.0MHz to 40.0MHz
Frequency Stability
±3.00ppb to ±5.00ppb
Developed Frequency:
10.0MHz, 13.0MHz, 16.3840MHz, 32.7680MHz, 38.40MHz
Frequency Tolerance Example: ±500ppb
Measurment at 25°C referance to nominal frequency.
Frequency Stability vs Temperature Range:
Tightest Stability: ±3ppb 0 to 60°C
Widest Temperature Range: ±5ppb -40 to 75°C
For other frequency/specification combinations please contact
our sales offices
Ageing (after 30 days of continuous operation, referred @
25°C):
Ageing per day: ±0.5ppb max
After 1st year: ±50ppb max
After 10 years: ±300ppb max
Supply Voltage Coefficiant Example: ±1ppb ref Vs±5%
Load Coefficiant Example: ±1ppb ref ±5% load change
Electrical Parameters
3.3V
Supply Voltage
Supply Voltage: Available in 12.0V, 5.0V and 3.3V
Current Consumption:
12.0V @ 25°C steady state, 180mA max
12.0V Warm-up, 350mA max
5.0V @ 25°C steady state, 200mA max
5.0V Warm-up, 500mA max
3.3V @ 25°C steady state, 350mA max
3.3V Warm-up, 800mA max
Reference Voltage Output: Customer specified value
(A very stable DC output voltage, made available to the
designer for use with a voltage divider circuit on the Voltage
Control Input)
Frequency Adjustment
Frequency Adjustment Range: ±1000ppb to ±2000ppb
Control Voltage Example:
For 3.3V supply: 1.65V ±1.65V
For 5.0V supply: 2.5V ±2.5V
Linearity Example: 10% max
Input Impeadance Example: 100kohms
Slope (standard): Positive
Printed on 26 Apr 16 10:38 using Model Data Sheet V1.2550
Page 1 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQOV-90

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQOV-160 IQD-IQOV-160 Datasheet
515Kb / 2P
   Frequency 5.0MHz to 100.0MHz
IQOV-162 IQD-IQOV-162 Datasheet
960Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-200F IQD-IQOV-200F Datasheet
1Mb / 2P
   OCXO Specification
More results

Similar Description - IQOV-90

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-71 IQD-IQOV-71 Datasheet
167Kb / 5P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQCM-100 IQD-IQCM-100 Datasheet
479Kb / 6P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com