Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQOV-71-22 Datasheet(PDF) 3 Page - IQD Frequency Products Ltd

Part # IQOV-71-22
Description  OCXO Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQOV-71-22 Datasheet(HTML) 3 Page - IQD Frequency Products Ltd

  IQOV-71-22 Datasheet HTML 1Page - IQD Frequency Products Ltd IQOV-71-22 Datasheet HTML 2Page - IQD Frequency Products Ltd IQOV-71-22 Datasheet HTML 3Page - IQD Frequency Products Ltd IQOV-71-22 Datasheet HTML 4Page - IQD Frequency Products Ltd IQOV-71-22 Datasheet HTML 5Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IQOV-71
OCXO Specification
Manufacturing Details
Soldering: IPC/JEDEC J-STD-020C, Package Peak Reflow
Temperature 250°C
Ordering Information
Frequency*
Model Number*
Output
Frequency Stability*
Operating Temperature Range*
Supply Voltage
Frequency Adjustment*
Example:
10.0MHz IQOV-71-1
HCMOS ±10ppb -20+70°C 3.3V ±5ppm
Note: Stability / temperature range options other than listed
may be available upon request, please contact our sales
offices.
Note: For stability/temperature combinations of ±10ppb over
-20 to 70°C and ±20ppb over -40 to 85°C, please consult
sales offices for availability.
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
1
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 100
Loose in bulk pack
Pack Style: Bulk
Pack Size: 10
Electrical Specification - maximum limiting values 0.0V
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppb
mA
ns
%
-20 to 70
5.0MHz
50.0MHz
±10.0
-
-
-
-40 to 85
±20.0
-
-
-
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 22 Sep 16 14:44 using Model Data Sheet V1.2550
Page 3 of 5
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQOV-71-22

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-70 IQD-IQOV-70 Datasheet
1Mb / 2P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-72-3 IQD-IQOV-72-3 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQOV-74-1 IQD-IQOV-74-1 Datasheet
457Kb / 4P
   OCXO Specification
More results

Similar Description - IQOV-71-22

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQCM-100 IQD-IQCM-100 Datasheet
479Kb / 6P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com