Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA1P711FP2 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # RA1P711FP2
Description  Connector ?쏛??for IMT-2000 Mobile Phones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

RA1P711FP2 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  RA1P711FP2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. RA1P711FP2 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/12
MB-0052-6
July 2006
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
No. of contacts:11 (including1 coaxial.)
Rated voltage: AC 30Vr.m.s.
Contact resistance: Initial 50m ohm max.
Withstand voltage:
Signal contacts: AC 300Vr.m.s. per minute
Coaxial contacts: AC 100Vr.m.s. per minute
VSWR: Less than 1.5 (Up to 2.2GHz)
Insertion loss: 0.5dB max. (Up to 2.2GHz)
Operating temperature & humidity:
-25 to +70 Deg. C , 85% max.
Features
RA1 Series
Connector “A” for IMT-2000 Mobile Phones
General Specifications
Rated current: Less than DC 0.5A
(1.0A for 5 terminals max. ---Note)
Insulation resistance: 1000M ohm min.
Signal contacts: AC 300Vr.m.s.
Coaxial contacts AC 100Vr.m.s.
Electrostatic capacity: 2pF max.
Life time: 10,000 times
Applicable cable:
Up to AWG #28 for signal contacts
Equivalent to 1.5D for coaxial contact
(Note) “5 terminals” indicates terminals 1, 4, 5, 6, and 10
Compliant with EIAJ RC-5238 Connector “A” for IMT-2000 mobile phones. (Integrated
connector with 10 signal contacts and 1 coaxial contact.)
Smaller and lighter than the DH Series, connector for digital mobile phones.
(0.5mm signal contact pitch, volume ratio is 1/3 for receptacle, 1/2 for plug (compared to
the JAE products.))
Static electricity countermeasure and EMI shield provided by a metal shell for signal
transmission connector.
Both receptacle and plug use full-cover shells for the mating area, and a mechanism to
prevent opening of the shells.
Compatible with live insertion/ removal (sequence) by providing contacts of different
length in receptacle.
Signal contacts are compatible with high-speed transmission. (Compatible with USB 1.1)
Coaxial contact in receptacle compatible with operating frequency up to 2.2GHz.
Embossed tape supply ensuring 6mm x 6mm adhesion area for receptacle is available.
The RA1 Series is an integrated connector incorporating signal contacts and a coaxial
contact compliant with the requirements for connector “A” for IMT-2000 mobile phones.
Connector “A” was standardized for the IMT-2000 interface by the EIAJ.
(RA1R011HA1)
(RA1P011FP3)
RoHS Compliant
Outline


Similar Part No. - RA1P711FP2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
RA1P011FP1 JAE-RA1P011FP1 Datasheet
133Kb / 1P
   SIGNAL CONTACT COPPER ALLOY
More results

Similar Description - RA1P711FP2

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
819-IF380.0M-A OSCILENT-819-IF380.0M-A Datasheet
142Kb / 2P
   HDR & IMT-2000
logo
Sangdest Microelectroni...
SMP1005-01ETG SMC-SMP1005-01ETG Datasheet
277Kb / 5P
   Mobile Phones
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
   System LED Drivers for Mobile Phones
BH7826FVM ROHM-BH7826FVM Datasheet
107Kb / 3P
   Audio driver IC for mobile phones
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830_08 Datasheet
713Kb / 41P
   Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Oscilent Corporation
819-IF153.6M-A OSCILENT-819-IF153.6M-A Datasheet
143Kb / 2P
   Base Station, Repeater, HDR, IMT-2000
819-IF190.0M-B OSCILENT-819-IF190.0M-B Datasheet
144Kb / 2P
   Base Station, Repeater, HDR, IMT-2000
logo
Active-Semi, Inc
ACT5810 ACTIVE-SEMI-ACT5810 Datasheet
130Kb / 2P
   Nine Channel PMU for Mobile Phones
28-Aug-07
logo
Rohm
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
   System LED Drivers for Mobile Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com