Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-JW Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-JW
Description  Fine-Coax Wire Connector for Small Portable Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-JW Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-JW Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-JW Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MB-0181-2
6/12
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Receptacle Side
Emboss Product
(40 pos. : SJ106320)
Ordering Information
FI-JW 40 -S -VF 16 - R3000
Series
No. of Contacts: 40 pos.
Socket Side
Emboss Product
3000pcs. / reel
Unit: mm
Vertical Type
Modification Code 16: General


Similar Part No. - FI-JW

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-J JAE-FI-J Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
FI-J20C2-SH-D JAE-FI-J20C2-SH-D Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
FI-J20C2-SH-D-10000 JAE-FI-J20C2-SH-D-10000 Datasheet
127Kb / 1P
   SHELL, MAGAZINE PAPER
FI-J20C5 JAE-FI-J20C5 Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
FI-J20C5 JAE-FI-J20C5 Datasheet
133Kb / 1P
   INSULATOR HEAT RESISTING PLASTIC
More results

Similar Description - FI-JW

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-JH JAE-FI-JH Datasheet
628Kb / 12P
   Fine-Coax Wire Connector for Small Portable Devices
FI-J JAE-FI-J Datasheet
562Kb / 7P
   Thin Wire Coaxial Connector for Small Portable Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
logo
List of Unclassifed Man...
ST40X-36S-CV ETC2-ST40X-36S-CV Datasheet
614Kb / 12P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Advanced Analogic Techn...
AAT2833 ANALOGICTECH-AAT2833 Datasheet
474Kb / 20P
   240mA Total Display Solution for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com