Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5116E Datasheet(PDF) 10 Page - Winbond

Part # ISD5116E
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116E Datasheet(HTML) 10 Page - Winbond

Back Button ISD5116E Datasheet HTML 6Page - Winbond ISD5116E Datasheet HTML 7Page - Winbond ISD5116E Datasheet HTML 8Page - Winbond ISD5116E Datasheet HTML 9Page - Winbond ISD5116E Datasheet HTML 10Page - Winbond ISD5116E Datasheet HTML 11Page - Winbond ISD5116E Datasheet HTML 12Page - Winbond ISD5116E Datasheet HTML 13Page - Winbond ISD5116E Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
October 2000
Page 9
3
OPERATIONAL MODES DESCRIPTION
3.1
I
2C INTERFACE
Important note: The rest of this data sheet will assume that the reader is familiar with the I
2C
serial interface. Additional information on I
2C may be found in section 9.0 on page 47 of this
document. If you are not familiar with this serial protocol, please read this section to familiarize
yourself with it. A large amount of additional information on I
2C can also be found on the Philips
web page at http://www.philips.com/
.
3.1.1
I
2C Slave Address
The ISD5116 has a 7-bit slave address of <100 00xy> where x and y are equal to the state, respectively,
of the external address pins A1 and A0. Because all data bytes are required to be 8 bits, the LSB of the
address byte is the Read/Write selection bit that tells the slave whether to transmit or receive data.
Therefore, there are 8 possible slave addresses for the ISD5116. These are:
A1
A0
Slave Address
R/W Bit
HEX Value
0
0
<100 0000>
0
80
0
1
<100 0001>
0
82
1
0
<100 0010>
0
84
1
1
<100 0011>
0
86
0
0
<100 0000>
1
81
0
1
<100 0001>
1
83
1
0
<100 0010>
1
85
1
1
<100 0011>
1
87
To use more than four ISD5116 devices in an application requires some external switching of the I
2C
interface.
3.1.2
ISD5116 I
2c Operation Definitions
There are many control functions used to operate the ISD5116.
Among them are:
1. READ STATUS COMMAND: The Read Status command is a
read request from the Host processor to the ISD5116 without
delivering a Command Byte. The Host supplies all the clocks
(SCL). In each case, the entity sending the data drives the data
line (SDA). The Read Status Command is executed by the
following I
2C sequence.
1.
Host executes I
2C START
2.
Send Slave Address with R/W bit = “1” (Read) 81h
3.
Slave (ISD5116) responds back to Host an Acknowledge (ACK)
followed by 8-bit Status word
4.
Host sends an Acknowledge (ACK) to Slave
5.
Wait for SCL to go HIGH
6.
Slave responds with Upper Address byte of internal address
register
7.
Host sends an ACK to Slave
8.
Wait for SCL to go HIGH
Conventions used in I
2C Data
Transfer Diagrams
= START Condition
= STOP Condition
= 8-bit data transfer
= “1” in the R/W bit
= “0” in the R/W bit
= ACK (Acknowledge)
= No ACK
W
S
SLAVE ADDRESS
R
A
DATA
P
= Host to Slave (Gray)
= Slave to Host (White)
The Box color indicates the
direction of data flow
= 7-bit Slave
Address
N


Similar Part No. - ISD5116E

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116EY NUVOTON-ISD5116EY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EYI NUVOTON-ISD5116EYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116E

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com