Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FI-NXC3-1-15000 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-NXC3-1-15000
Description  Board-to-Cable Connector for High-Speed Differential Transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-NXC3-1-15000 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FI-NXC3-1-15000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-NXC3-1-15000 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/10
MB-0171-2
December 2008
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
No. of Contacts : 40 pos.
Contact Resistance: 40m ohm max.
Dielectric Withstanding Voltage :
AC 500Vr.m.s per minute
Operating Temperature:
-40 Deg. C to +80 Deg. C
Features
FI-NX Series
Board-to-Cable Connector for
High-Speed Differential Transmission
General Specifications
0.8mm contact pitch, 40pos. connecter for LVDS transmission, compatible with the VESA
8-bit color LCD standard.
LCD (LED back light) interface for notebook PC, cable plug available in solder type for fine
coaxial wire, or crimp type for discrete wire.
Superb impedance matching suitable for high-speed differential transmission.
Low profile, 1.0mm mating height of board-side receptacle (standard bottom mount type).
Metal shell provides superb shielding. Hold downs on the receptacle serve a dual purpose
to reinforce board retention, and also act as ground contacts. When the connector is mated,
the plug and receptacle shells connect to allow the plug shell to be grounded.
Receptacle incorporates a ground plate that is connected to the board through ground
terminals located at both ends of the connection area.
Ni barrier layer is included as a solder diffusion countermeasure for receptacle contacts.
Mechanical lock included to withstand vibration and shock.
Mating side of plug has a guide that adjusts misalignments to ensure easy and secure
mating.
Pb-free product.
Rated Current: AC, DC each 0.5A per pos.
Rated Voltage: AC, DC each 200V per pos.
Insulation Resistance: 100M ohm min.
Contact Pitch: 0.8mm
RoHS Compliant
The FI-NX Series is a board-to-cable LCD interface connector designed for high-speed
differential transmission. A discrete wire (twisted pair) plug with crimp contacts has
been added to the existing product line-up.
NEW
NEW


Similar Part No. - FI-NXC3-1-15000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-NXC3-1-15000 JAE-FI-NXC3-1-15000 Datasheet
115Kb / 1P
   MAGAZINE ASSEMBLY
More results

Similar Description - FI-NXC3-1-15000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
logo
List of Unclassifed Man...
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
MX48 JAE-MX48 Datasheet
132Kb / 4P
   Automotive High-speed Differential Transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com