Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5116ED Datasheet(PDF) 3 Page - Winbond

Part # ISD5116ED
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116ED Datasheet(HTML) 3 Page - Winbond

  ISD5116ED Datasheet HTML 1Page - Winbond ISD5116ED Datasheet HTML 2Page - Winbond ISD5116ED Datasheet HTML 3Page - Winbond ISD5116ED Datasheet HTML 4Page - Winbond ISD5116ED Datasheet HTML 5Page - Winbond ISD5116ED Datasheet HTML 6Page - Winbond ISD5116ED Datasheet HTML 7Page - Winbond ISD5116ED Datasheet HTML 8Page - Winbond ISD5116ED Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
October 2000
Page 2
Product Description
The ISD5116 ChipCorder
Product provides high
quality,
fully
integrated,
single-chip
Record/Playback solutions for 8- to 16-minute
messaging applications that are ideal for use in
cellular
phones,
automotive
communications,
GPS/navigation
systems
and
other
portable
products. The ISD5116 product is an enhancement
of the ISD5000 architecture, providing: 1) the I
2C
serial port - address, control and duration selection
are accomplished through an I
2C interface to
minimize
pin count (ONLY
two control lines
required); 2) the capability of the storage array to
store digital, in addition to analog, information.
These features allow customers to store phone
book numbers, system configuration parameters
and
message
address
pointers
for
message
management capability.
Analog functions and audio gating have also been
integrated into the ISD5116 product to allow easy
interface with integrated digital cellular chip sets on
the market. Audio paths have been designed to
enable
full duplex conversation record,
voice
memo, answering machine (including outgoing
message playback) and call screening features.
This product enables playback of messages while
the phone is in standby, AND both simplex and
duplex playback of messages while on a phone call.
Additional voice storage features for digital cellular
include: 1) a personalized outgoing message can
be
sent
to
the
person
by
getting
caller-ID
information from the host chipset 2) a private call
announce while on call can be heard from the host
by giving caller-ID on call waiting information from
the host chipset.
Logic Interface Options of 2.0V and 3.0V are
supported
by
the
ISD5116
to
accommodate
portable communication products customers (2.0-
and 3.0-volt required).
Like other ChipCorder
®
products, the ISD5116
integrates the sampling clock, anti-aliasing and
smoothing filters, and the multi-level storage array
on a single-chip. For enhanced voice features, the
ISD5116 eliminates external circuitry by integrating
automatic
gain
control
(AGC),
a
power
amplifier/speaker driver, volume control, summing
amplifiers, analog switches, and a car kit interface.
Input level adjustable amplifiers are also included,
providing
a
flexible
interface
for
multiple
applications.
Recordings
are
stored
in
on-chip
nonvolatile
memory cells,
providing
zero-power
message
storage. This unique, single-chip solution is made
possible through ISD’s patented multilevel storage
technology. Voice and audio signals are stored
directly into solid-state memory in their natural,
uncompressed form, providing superior quality
voice and music reproduction.
ISD5116 Block Diagram
AUX IN
AMP
AGC
Low Pass
Filter
SUM1
FTHRU
INP
VOL
SUM2
ANA IN
VOL
SP+
SP-
SPEAKER
AUX OUT
ANA OUT-
ANA OUT+
MIC+
MIC -
AGCCAP
MICROPHONE
AUX IN
XCLK
ANA IN
V
SSA
V
CCA
V
SSA
V
SSD
V
SSD
V
CCD
V
CCD
64-bit/samp.
ARRAY OUTPUT MUX
Array I/O Mux
FILTO
SUM1
INP
ANA IN
SUM2
FILTO
SUM2
SUM1
Summing
AMP
ANA IN
AMP
6dB
SUM2
Summing
AMP
Volume
Control
MIC IN
AUX IN
FILTO
ANA IN
SUM1
ANA IN
FILTO
SUM2
(ANALOG)
ARRAY
INP
SUM1 MUX
CTRL
(DIGITAL)
64-bit/samp.
ARRAY OUT
(ANALOG)
ARRAY OUT
(DIGITAL)
ARRAY
Spkr.
AMP
AUX
OUT
AMP
Power Conditioning
RAC
INT
SDA
SCL
A1
A0
Device Control
Internal
Clock
Multilevel/Digital
Storage Array
ANA
OUT
AMP
ΣΣΣΣ
ΣΣΣΣ
2 (
)
VLS0
VLS1
2
(
)
AIG0
AIG1
2
(
)
AXG0
AXG1
2
(
)
S1S0
S1S1
2
(
)
S1M0
S1M1
2
(
)
S2M0
S2M1
(
)
OPA0
OPA1
2
(
)
OPS0
OPS1
2
(
)
FLD0
FLD1
2
(INS0)
1
1
(AXPD)
1
(AGPD)
1
(FLPD)
1 (FLS0)
1
(AIPD)
1
(AOPD)
( )
3
AOS0
AOS1
AOS2
3
( )
VOL0
VOL1
VOL2
1
(V
LPD)


Similar Part No. - ISD5116ED

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116EY NUVOTON-ISD5116EY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EYI NUVOTON-ISD5116EYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116ED

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com