Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1442A Datasheet(PDF) 1 Page - Keysight Technologies

Part # E1442A
Description  64-Channel Form C or Form A Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1442A Datasheet(HTML) 1 Page - Keysight Technologies

  E1442A Datasheet HTML 1Page - Keysight Technologies E1442A Datasheet HTML 2Page - Keysight Technologies E1442A Datasheet HTML 3Page - Keysight Technologies E1442A Datasheet HTML 4Page - Keysight Technologies E1442A Datasheet HTML 5Page - Keysight Technologies E1442A Datasheet HTML 6Page - Keysight Technologies E1442A Datasheet HTML 7Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
PDFINFO H 5588- 0 1
64-Channel Form C or Form A
Switch
Agilent E1442A
• 1-Slot, C-size, register based
• Any combination of channels can be closed or opened
• Nonlatching armature relays
• External devices can be actuated
• Includes QUIC easy-to-use terminal block
• Internal buses simplify wiring
Agilent E1442A
Description
The Agilent E1442A 64-Channel General-Purpose Switch is a
C-size, 1- slot, register-based VXI module
that contains
nonlatching Form C type relays. They can be used for device
actuation, as digital output modules, or to create flexible
signal switching topologies.
Each product has two parts—a component card containing
the relays, that plugs into the mainframe, and a removable
terminal block that plugs onto the component card. The
component card has 64 Form C relays with three independent
axial component locations per relay. These locations can be
used for jumpers, fuses, or pullup/down and protection
resistors. All three relay terminals can be connected through
such components to one of three internal buses.
The E1442A terminal block comes standard with solder lugs
that allow full access to the Form C (SPDT) capability of the
component module relays. Option 020 has a screw terminal
block that allows access to the Form A (SPST) contacts only.
Option 010 gives you complete Form C connectivity with
more customization versatility.
Refer to the Agilent Technologies Website for instrument
driver availability and downloading instructions, as well as for
recent product updates, if applicable.
Agilent Technologies


Similar Part No. - E1442A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
   Arbitrary Function Generator
More results

Similar Description - E1442A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L4437A KEYSIGHT-L4437A Datasheet
1Mb / 9P
   32-Channel Form A/Form C General Purpose Switch
logo
PIC GmbH
PMC-3617 PIC-PMC-3617 Datasheet
186Kb / 1P
   Power Form C Switch
TRH-200B PIC-TRH-200B Datasheet
27Kb / 1P
   Standard Form C Switch
HSR-502 PIC-HSR-502 Datasheet
26Kb / 1P
   Micro Form C Switch
PMC-1496B PIC-PMC-1496B Datasheet
174Kb / 1P
   Standard Form C Switch
HSR-834WT PIC-HSR-834WT Datasheet
27Kb / 1P
   Power Form C Switch
PMC-1496 PIC-PMC-1496 Datasheet
26Kb / 1P
   Standard Form C Switch
logo
TE Connectivity Ltd
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
logo
PIC GmbH
TRH200B PIC-TRH200B Datasheet
175Kb / 1P
   Standard Form C Switch
HSR-634WT PIC-HSR-634WT Datasheet
27Kb / 1P
   Power Form C Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com