Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB1JS01SG2L Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # KB1JS01SG2L
Description  High-Current Connectors for Solar Panel Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KB1JS01SG2L Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  KB1JS01SG2L Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KB1JS01SG2L Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KB1JS01SG2L Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KB1JS01SG2L Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KB1JS01SG2L Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KB1JS01SG2L Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. KB1JS01SG2L Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MB-0220-1
6/7
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Socket Contact
Ordering Information
Part Number
Drawing No.
Conductor Size
Quantity
KB1-12-SC-1500
SJ108970
3.5 to 4.0 mm2
1,500 pcs/reel
Part Number
Drawing No.
Conductor Size
Quantity
KB1-12-SC2-2000
SJ110314
2.0 to 2.5 mm2
2,000pcs/reel
±0.2
7.4
±0.2
φ1.5
±0.2
11.1
±0.2
14.8
±0.2
±0.05
t0.35
( 4 )
( 1.7 )
(PITCH BETWEEN TERMINALS)
±0.2
±0.2
φ1.5
±0.2
13.5
±0.2
18
±0.2
±0.05
t0.5
( 5.1 )
( 1.3 )
(PITCH BETWEEN TERMINALS)


Similar Part No. - KB1JS01SG2L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KB10 ETC1-KB10 Datasheet
253Kb / 2P
   10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
logo
Lumberg
KB10 LUMBERG-KB10 Datasheet
580Kb / 3P
   Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
logo
List of Unclassifed Man...
KB10-05S ETC1-KB10-05S Datasheet
253Kb / 2P
   10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
KB10-05S VOLGEN-KB10-05S Datasheet
258Kb / 2P
   10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
logo
List of Unclassifed Man...
KB10-122D ETC1-KB10-122D Datasheet
253Kb / 2P
   10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
More results

Similar Description - KB1JS01SG2L

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-13784 SPARKFUN-PRT-13784 Datasheet
96Kb / 2P
   Solar Panel - 9W
4/13/2016
PRT-13781 SPARKFUN-PRT-13781 Datasheet
101Kb / 2P
   Solar Panel - 2W
4/13/2016
PRT-13782 SPARKFUN-PRT-13782 Datasheet
102Kb / 2P
   Solar Panel - 3.5W
4/13/2016
PRT-13783 SPARKFUN-PRT-13783 Datasheet
98Kb / 2P
   Solar Panel - 6W
4/13/2016
PRT-16835 SPARKFUN-PRT-16835 Datasheet
144Kb / 2P
   Solar Panel Charger - 10W
8??1??0
logo
Soshin electric Co., Lt...
NF2000E-SJB SOSHIN-NF2000E-SJB Datasheet
380Kb / 4P
   DC 1000VDC For DC line, large solar panel
logo
KODENSHI_AUK CORP.
KSSC2-45P0X22P0 KODENSHI-KSSC2-45P0X22P0 Datasheet
63Kb / 1P
   Solar Cell Module
KSSC12-37P5X4P55 KODENSHI-KSSC12-37P5X4P55 Datasheet
66Kb / 1P
   Solar Cell Module
logo
Tyco Electronics
CL3803-000 MACOM-CL3803-000 Datasheet
370Kb / 4P
   Solar Panel Installation Identification labels
logo
Vishay Siliconix
193PURSISOLAR VISHAY-193PURSISOLAR_15 Datasheet
88Kb / 4P
   Aluminum Capacitors Power Ultra High Ripple Current Snap-In for Solar
Revision: 13-Mar-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com