Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1467A Datasheet(PDF) 2 Page - Keysight Technologies

Part # E1467A
Description  8x32 Relay Matrix Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1467A Datasheet(HTML) 2 Page - Keysight Technologies

  E1467A Datasheet HTML 1Page - Keysight Technologies E1467A Datasheet HTML 2Page - Keysight Technologies E1467A Datasheet HTML 3Page - Keysight Technologies E1467A Datasheet HTML 4Page - Keysight Technologies E1467A Datasheet HTML 5Page - Keysight Technologies E1467A Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PDFINFO H 5593- 02
2
Product Specifications
AC Performance
AC specifications apply with no more than one crosspoint closed per row
or column. Specifications are for 8x32 matrix, for Z(load) = Z(source) =
50
Ω. Note: Specifications are for worst crosspoint. Matrix expansion
degrades crosstalk and bandwidth performance. Typical is defined as the
worst crosspoint test from one or two matrix modules. If guaranteed
specifications are necessary, contact your local sales representative.
Crosstalk (dB) within a card (worst path):
<10 kHz
<100 kHz <1 MHz
Closed Path to Closed Path (typical):
–72 dB
–51 dB
–33 dB
Open row to open row (typical):
–91 dB
–59 dB
–43 dB
Open row to open column (typical):
–85 dB
–64 dB
–47 dB
Open column to open column (typical):
–92 dB
–71 dB
–54 dB
Crosstalk (dB) module-to-module (represents 8x64 configuration):
Note: Chaining cable used to connect modules (P/N E1466-80002).
<10 kHz
<100 kHz <1 MHz
Closed Path to Closed Path (typical):
–72 dB
–51 dB
–33 dB
Open row to open row (typical):
–74 dB
–53 dB
–38 dB
Open row to open column (typical):
–92 dB
–72 dB
–56 dB
Open column to open column (typical):
–82 dB
–64 dB
–50 dB
Closed channel
capacitance (
<10 kHz):
Hi to Lo:
<270 pF
Hi to Ground:
<430 pF
Lo to Ground:
<440 pF
Minimum bandwidth
(–3 dB, Z
L=ZX= 50 Ω):
10 MHz
You can create a larger matrix by adding one or more matrix
modules and interconnecting the E1467A rows on the
terminal blocks with the 280 mm E1466-80002 daisy-chain
expansion cable. You can interconnect the E1467A rows with
the rows of another E1467A or an E1466A. To create an 8x96
matrix with four E1467A modules requires four daisy-chain
expansion cables connected as shown.
Configuration


Similar Part No. - E1467A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1460A KEYSIGHT-E1460A Datasheet
335Kb / 6P
   64-Channel Relay Multiplexer
E1463A KEYSIGHT-E1463A Datasheet
374Kb / 4P
   32-Channel, 5 Amp, Form C VXI Switch
E1465A KEYSIGHT-E1465A Datasheet
485Kb / 4P
   16x16 Relay Matrix Switch
E1466A KEYSIGHT-E1466A Datasheet
388Kb / 4P
   4x64 Relay Matrix Switch
logo
ATMEL Corporation
E1466D ATMEL-E1466D Datasheet
133Kb / 8P
   32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
More results

Similar Description - E1467A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1465A KEYSIGHT-E1465A Datasheet
485Kb / 4P
   16x16 Relay Matrix Switch
E1466A KEYSIGHT-E1466A Datasheet
388Kb / 4P
   4x64 Relay Matrix Switch
logo
JFW Industries, Inc.
50MS-232 JFW-50MS-232 Datasheet
27Kb / 1P
   MATRIX SWITCH
50MS-340 JFW-50MS-340_18 Datasheet
31Kb / 2P
   MATRIX SWITCH
50MS-211 JFW-50MS-211 Datasheet
26Kb / 1P
   MATRIX SWITCH
logo
DAICO Industries, Inc.
CSWM9125 DAICO-CSWM9125 Datasheet
45Kb / 1P
   Switch Matrix
logo
JFW Industries, Inc.
50MS-211 JFW-50MS-211_18 Datasheet
31Kb / 2P
   MATRIX SWITCH
50MS-305 JFW-50MS-305 Datasheet
32Kb / 2P
   MATRIX SWITCH
logo
DAICO Industries, Inc.
100C1739 DAICO-100C1739 Datasheet
26Kb / 1P
   (2x6) Switch Matrix
100C1820 DAICO-100C1820 Datasheet
30Kb / 1P
   (3x3) Switch Matrix
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com