Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM70-314-310B1-2 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # MM70-314-310B1-2
Description  MXM3.0 Compatible Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

MM70-314-310B1-2 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  MM70-314-310B1-2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. MM70-314-310B1-2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. MM70-314-310B1-2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. MM70-314-310B1-2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. MM70-314-310B1-2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MB-0207-2
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
5/5
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice: Products shown in this leaflet are
made for the applications listed below. However,
if the above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: Computers, Office
machines, Measuring devices,
Telecommunication devices (Terminals, Mobile
devices), AV devices, Household applications, FA
devices, etc.
Applicable dimensions of module board (for reference)


Similar Part No. - MM70-314-310B1-2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MM70-314-310B1-2 JAE-MM70-314-310B1-2 Datasheet
244Kb / 1P
   TOP SIDE CONTACT - COPPER ALLOY
More results

Similar Description - MM70-314-310B1-2

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DP3 JAE-DP3 Datasheet
650Kb / 7P
   Thunderbolt Compatible Connector
MX39 JAE-MX39 Datasheet
216Kb / 6P
   USB2.0 Transmission Compatible Automotive Connector
CP03 JAE-CP03 Datasheet
450Kb / 5P
   65GHz Compatible SMPM Coaxial Connector
MX55 JAE-MX55 Datasheet
603Kb / 7P
   Automotive Digital Camera Compatible Connector
MX45A JAE-MX45A Datasheet
224Kb / 4P
   USB2.0 Transmission Compatible Automotive Connector
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
   Docking Connector Compatible with PCI Express
logo
Japan Aviation Electron...
MX49 JAE-MX49 Datasheet
264Kb / 6P
   Automotive USB 2.0 Standard Compatible Connector
logo
Abracon Corporation
ASFL3 ABRACON-ASFL3_08 Datasheet
189Kb / 2P
   1.8V LVHCMOS COMPATIBLE SMD COMPATIBLE SMD
1.05.08
logo
Japan Aviation Electron...
MX38 JAE-MX38 Datasheet
446Kb / 8P
   Automotive High-speed Differential Transmission Compatible Connector
logo
Lite-On Technology Corp...
LTST-C930YKT LITEON-LTST-C930YKT Datasheet
371Kb / 6P
   I.C. compatible
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com