Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5182B Datasheet(PDF) 11 Page - Keysight Technologies

Part # N5182B
Description  MXG X-Series Signal Generators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5182B Datasheet(HTML) 11 Page - Keysight Technologies

Back Button N5182B Datasheet HTML 7Page - Keysight Technologies N5182B Datasheet HTML 8Page - Keysight Technologies N5182B Datasheet HTML 9Page - Keysight Technologies N5182B Datasheet HTML 10Page - Keysight Technologies N5182B Datasheet HTML 11Page - Keysight Technologies N5182B Datasheet HTML 12Page - Keysight Technologies N5182B Datasheet HTML 13Page - Keysight Technologies N5182B Datasheet HTML 14Page - Keysight Technologies N5182B Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Measured Option UNY phase noise CW mode
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz,
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
6 GHz
3 GHz
2 GHz
1 GHz
250 MHz
100 MHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Measured standard phase noise with I/Q modulation
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz,
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
1 GHz DIG mod on
1 GHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Measured Option UNY phase noise optimized S/N mode
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
6 GHz
3 GHz
1 GHz
250 MHz
100 MHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Measured Option UNY residual phase noise CW mode 1
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz,
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
6 GHz
3 GHz
1 GHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Measured AM noise @ 1 GHz S/N mode on/off
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz,
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
1 GHz 0 dBm SNR
1 GHz
1 GHz +23 dBm
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Measured standard vs. UNY phase noise S/N mode
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz,
10 MHz
100 MHz
L(f) [dBc/Hz] vs. frequency
1 GHz STD
1 GHz UNY
1. Use external 10 MHz input path, between +3 to +7 dBm for maximum performance.
11 | Keysight | MXG X-Series Signal Generators N5181B Analog & N5182B Vector - Data Sheet


Similar Part No. - N5182B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N51820M TRIPPLITE-N51820M Datasheet
473Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),20M (65-ft.)
logo
Agilent(Hewlett-Packard...
N5182A HP-N5182A Datasheet
2Mb / 32P
   Fast switching speeds
N5182A HP-N5182A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N5182B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5181B KEYSIGHT-N5181B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators N5181B Analog & N5182B Vector
N5183B KEYSIGHT-N5183B Datasheet
998Kb / 21P
   MXG X-Series Signal Generator N5183B Microwave Analog
N5171B KEYSIGHT-N5171B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
N5172B KEYSIGHT-N5172B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
   RF Vector Signal Generators
logo
Agilent(Hewlett-Packard...
HP8656 HP-HP8656 Datasheet
906Kb / 20P
   ECONOMICAL SYNTHESIZED SIGNAL GENERATORS ANALOG AND DIGITAL MODULATION
logo
Keysight Technologies
33500B KEYSIGHT-33500B Datasheet
5Mb / 23P
   33500B Series Waveform Generators
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Keysight Technologies
N9030A KEYSIGHT-N9030A Datasheet
1Mb / 28P
   PXA X-Series Signal Analyzer
M9290A KEYSIGHT-M9290A Datasheet
868Kb / 18P
   PXIe X-Series Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com