Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5193A Datasheet(PDF) 8 Page - Keysight Technologies

Part # N5193A
Description  Multi-Emitter Scenario Generator, Reference Solution
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5193A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N5193A Datasheet HTML 4Page - Keysight Technologies N5193A Datasheet HTML 5Page - Keysight Technologies N5193A Datasheet HTML 6Page - Keysight Technologies N5193A Datasheet HTML 7Page - Keysight Technologies N5193A Datasheet HTML 8Page - Keysight Technologies N5193A Datasheet HTML 9Page - Keysight Technologies N5193A Datasheet HTML 10Page - Keysight Technologies N5193A Datasheet HTML 11Page - Keysight Technologies N5193A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 | Keysight | Multi-Emitter Scenario Generator, Reference Solution - Brochure
Reference Solution Key Performance Characteristics
Hardware characteristics
Frequency range
10 MHz to 40 GHz
Phase noise
–126 dBc at 10 GHz, 10 kHz offset
Non-harmonic spurious
–70 dBc at 18 GHz
Output power
–130 dBm to 10 dBm
Normal/list update rate
< 180 ns in list mode (frequency, amplitude, phase)
Minimum pulse width
10 ns
Pulse rise/fall time
3 ns
Pulse on/off ratio
90 dB
Linear chirp width
10 to 25% of center frequency
Time skew (for TDOA AoA method)
100 ps
Amplitude accuracy (for amplitude comparison
AoA method)
< 0.5 dB
Phase accuracy (for Interferometry AoA
method)
1-3 ° RMS (dependent on center frequency)
Height/UXG
3 rack units (3U)
Pulse parameters
Pulse width stagger
Linear ramp, stepped, or staggered specified by timing parameters and number of pulses
Modulation on pulse parameters
Barker
Nested Barker and Barker codes (2, 3, 4, 5, 7, 11, 13) with user control over Barker direction and polarity
Formats
Custom BPSK and FM chirp (sawtooth or triangle FM chirp deviation of 10-25% of center frequency)
Pulse repetition interval parameters
PRI stagger
Bursted, linear ramp, list, stepped
Frequency agility
Offset, linear ramp, list, stepped
Antenna scan parameters
Radiation pattern type
Isotropic, Blackman, Cosine1, Cosine2, Cosine3, Cosine4, Cosine5, Exact Blackman, Hamming,
Programmable, Rectangular, Three Term, Three Term Minimum, Gaussian, Omni, Pyramidal Horn, Sinc,
and Table Lookup
Antenna scan type
Circular, conical, custom, bidirectional raster, unidirectional raster, bidirectional sector, unidirectional
sector, helical, spiral, lobe switching, lobe on target
Antenna properties
Azimuth/Elevation 3 dB beam width
Simulation parameters
Multi-emitter simulation
Multiple emitters are played from a PDW list according to the capability of the UXG to transition
frequency and amplitude according to the number of emitters and their duty cycles
Multi-UXG
Connect to multiple UXGs to increase pulse density and simulate AoA; angle-of-arrival or multi-channel
calibration is provided
Emitter interleaving
Emitters are interleaved to optimize pulse density and minimize dropped pulses while maintaining
accurate pulse width and PRI
Dropped pulse reporting and pulse collision
reporting
Pulse collision percentages and conflicting emitters are reported; modifications to emitter start
time and priority can be made in the report to resolve conflicts; report is recalculated when emitter
parameters are changed
Scenarios
Create a hierarchy of platforms, emitters, modes, and waveforms; user can build up a library of emitters
or modes and reuse them in different simulations
Test system definition
Add one or more UXG agile signal generators with different options to the simulation
System under test definition
Set the minimum simulation power level according to the sensitivity of the receiver under test


Similar Part No. - N5193A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
N519 GILWAY-N519 Datasheet
84Kb / 1P
   Neon Glow Lamps (High Brightness) with Dark Effect
logo
Keysight Technologies
N5191A KEYSIGHT-N5191A Datasheet
1Mb / 24P
   UXG X-Series Agile Signal Generator, Modified Version
logo
ON Semiconductor
N5194 ONSEMI-N5194 Datasheet
99Kb / 8P
   Silicon PNP Power Transistors(4 AMPERE)
April, 2002 ??Rev. 10
N5194 ONSEMI-N5194 Datasheet
86Kb / 6P
   Silicon PNP Power Transistors
October, 2006 ??Rev. 12
logo
Central Semiconductor C...
N5194 CENTRAL-N5194 Datasheet
60Kb / 1P
   PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
More results

Similar Description - N5193A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
LTE-A KEYSIGHT-LTE-A Datasheet
2Mb / 6P
   LTE/LTE-A Multi-Channel, Reference Solution
5G-CH-SOUND KEYSIGHT-5G-CH-SOUND Datasheet
1Mb / 10P
   5G Channel Sounding, Reference Solution
E7515A KEYSIGHT-E7515A Datasheet
1Mb / 7P
   VoLTE Battery Test, Reference Solution
E6650A-001 KEYSIGHT-E6650A-001 Datasheet
1Mb / 8P
   Small Cell Test, Reference Solution
logo
Richtek Technology Corp...
RT9401A RICHTEK-RT9401A Datasheet
108Kb / 8P
   5Bit VID Reference Generator
logo
Marktech Corporate
MT101NP-YL MARKTECH-MT101NP-YL Datasheet
352Kb / 2P
   Multi Chip Emitter
MT121L-UG MARKTECH-MT121L-UG Datasheet
363Kb / 2P
   Multi Chip Emitter
MT106F-HR MARKTECH-MT106F-HR_15 Datasheet
385Kb / 2P
   Multi Chip Emitter
MT121NP-URD MARKTECH-MT121NP-URD_15 Datasheet
373Kb / 2P
   Multi Chip Emitter
MT121L-HR MARKTECH-MT121L-HR_15 Datasheet
363Kb / 2P
   Multi Chip Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com