Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2723A Datasheet(PDF) 7 Page - Keysight Technologies

Part # U2723A
Description  Modular Source Measure Unit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2723A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button U2723A Datasheet HTML 3Page - Keysight Technologies U2723A Datasheet HTML 4Page - Keysight Technologies U2723A Datasheet HTML 5Page - Keysight Technologies U2723A Datasheet HTML 6Page - Keysight Technologies U2723A Datasheet HTML 7Page - Keysight Technologies U2723A Datasheet HTML 8Page - Keysight Technologies U2723A Datasheet HTML 9Page - Keysight Technologies U2723A Datasheet HTML 10Page - Keysight Technologies U2723A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
07 | Keysight | U2722A/U2723A USB Modular Source Measure Unit – Data Sheet
Keysight Measurement Manager
The Keysight Measurement Manager (KMM)
is an application data viewer software that
comes with the standard purchase of the
U2700A Series USB modular instruments.
This software is designed to help you
perform quick device configuration, data
logging and data acquisition using the
products.
Supported features found in the U2722A/
U2723A USB modular source unit:
– Command logger to allow the capture
of configuration commands that can
be easily converted to snippets of
VEE, VB, C++ and C# code
– Self-test
– Self-calibration
– Option to save the current instrument
configuration to a file
– Data logging and export feature to
CSV, HTML and text only format files
that can be printed
– Trigger settings between modules in
the instrument chassis with Star trigger
and Master/Slave trigger
Keysight Measurement Manager prerequisites
Prior to installing the Keysight Measurement Manager software, ensure that your PC meets
the following minimum system requirements for installation and operation.
Requirement
Windows XP
operating systems
Windows Vista operat-
ing systems
Windows 7
operating systems
Operating system
Windows XP Service
Pack 3 (or later)1
Windows Vista
(32-bit) Service Pack
1 and 22
Windows 7
(32-bit and 64-bit)3, 4
Processor speed
600 MHz or higher
required, 800 MHz
recommended
1 GHz 32-bit (x86)
3 GHz 32-bit (x86)
Memory
256 MB minimum
(1 GB or greater
recommended)
1 GB minimum
2 GB minimum
Hard-disk space
1.5 GB minimum
1.5 GB minimum
1.5 GB minimum
Video
Super VGA (800 × 600)
256 colors or more
Support for DirectX® 9
graphics with 128 MB
graphics memory
recommended5
Support for DirectX 9
graphics with 128 MB
graphics memory
recommended5
CD-ROM drive or
DVD-ROM drive6
Required
Required
Required
Browser
Microsoft Internet
Explorer 5.01 or greater
Microsoft Internet
Explorer 7 or greater
Microsoft Internet
Explorer 7 or greater
1. Supported Windows XP editions — Home or Professional
2. Supported Windows Vista (32-bit) editions — Home Basic, Home Premium, Business, or Ultimate
3. Supported Windows 7 (32-bit and 64-bit) editions — Home Basic, Home Premium, Professional,
Enterprise, or Ultimate
4. Keysight Measurement Manger for Windows 7 64-bit support is a 32-bit application running on a
WOW64 (Windows-on-Windows 64-bit) emulator.
5. Super VGA graphics is supported for Windows Vista and Windows 7.
6. The type of media provided with the product determines whether a CD-ROM drive or DVD-ROM
drive is required.
Software requirements
Keysight IO Libraries Suite 15.7 and above1
Keysight T&M Toolkit Runtime version 2.18
Keysight T&M Toolkit Redistributable Package 2.1 patch8
Microsoft .NET Framework version 2.08
7. Available on the Keysight Automation-Ready CD-ROM
8. Bundled with Keysight Measurement Manager software application installer


Similar Part No. - U2723A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2723A HP-U2723A Datasheet
672Kb / 15P
   Voltage and current programming and readback
More results

Similar Description - U2723A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
B2911A KEYSIGHT-B2911A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
B2901A KEYSIGHT-B2901A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
B2912A KEYSIGHT-B2912A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com