Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2905A Datasheet(PDF) 4 Page - Keysight Technologies

Part # U2905A
Description  PXI & AXIe Instruments, Software, Reference Solutions and Services
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2905A Datasheet(HTML) 4 Page - Keysight Technologies

  U2905A Datasheet HTML 1Page - Keysight Technologies U2905A Datasheet HTML 2Page - Keysight Technologies U2905A Datasheet HTML 3Page - Keysight Technologies U2905A Datasheet HTML 4Page - Keysight Technologies U2905A Datasheet HTML 5Page - Keysight Technologies U2905A Datasheet HTML 6Page - Keysight Technologies U2905A Datasheet HTML 7Page - Keysight Technologies U2905A Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
04 | PXI & AXIe Instruments, Software, Reference Solutions and Services - Brochure
www.keysight.com/find/modular
PXI Instruments - Interoperability, Size, Speed & Scalability
PXI is an open, multi-vendor standard governed by the PXI systems
alliance, that ensures interoperability of modules and chassis from
different vendors.
The PXIe backplane bus leverages PCI Express® technology, greatly
increasing test speed and reducing latency, especially for data and
transaction intensive test applications. The bus also enables scal-
ability of the system as test needs change. And PXI can also be inte-
grated into an existing test system of benchtop or AXIe instruments.
Keysight’s growing portfolio of PXI instruments extends its
measurement expertise to provide the right solution for multiple test
scenarios.
For a complete list of PXI instruments, visit:
www.keysight.com/find/PXI
Figure 2. Keysight’s M9019A PXIe 18-slot
chassis, Gen 3
www.keysight.com/find/PXI
PXI Chassis, Controllers & IO
Components
www.keysight.com/find/pxi-chassis
PXI 18-slot chassis with PCI Express® Gen 2 and 3 performance, 16 PXI hybrid slots, multi-chassis
connections, and an innovative cooling design that saves rack space and lowers maintenance cost. PXIe
controller with Intel i7-4700EQ, 2.4 GHz processor, up to 16 GB RAM and front removable 240 GB solid
state drive.
PXI Data Acquisition
www.keysight.com/find/pxi-converters
Address the need for high input voltage or current ranges often found in functional test with a choice of dig-
ital to analog converters and V/I sources. Products include isolated D/A converter with multi-channel high
voltage supplies, multi-channel dynamic DAC for typical waveforms generation at high voltages and more.
PXI Digital IO & Stimulus/Response
www.keysight.com/find/pxi-digitalIO
High channel digital I/O control with up to 50 v and 12.5 mW resolution. Digital stimulus/response pro-
vides speed, configuration flexibility, multi-site and pattern generation capability for automated test.
PXI Vector Signal Analyzers &
Vector Transceivers
www.keysight.com/find/pxi-vsa
PXI RF and μW vector signal analyzers (9 kHz to 50 GHz), and vector transceiver (60 MHz to 6 GHz), offer
high speed measurement capability with up to 160 MHz bandwidth.
PXI Switches
www.keysight.com/find/pxi-switch
High-speed, 500 μsec multiplexers, 300 W GP switches, RF and microwave switches up to 40 GHz with
low insertion loss and VSWR for excellent signal integrity.
PXI Vector Network Analyzers
www.keysight.com/find/pxivna
Select from full 2-port vector network analyzers that fit in just one slot and high performance multi-port
vector network analyzers.
Other PXI Instruments
www.keysight.com/find/PXI
– Amplifier/attenuators
– Digital input output
– Digitizers
– Digital multimeters
– Frequency reference
– FPGA
– Optical extenders
– Quad downconverter
– Source/measure unit
– Vector signal generator
– Waveform generators


Similar Part No. - U2905A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
U2905 IRF-U2905 Datasheet
135Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - U2905A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E8397A KEYSIGHT-E8397A Datasheet
2Mb / 8P
   PXI & AXIe Instruments, Software, Reference Solutions and Services
logo
Agilent(Hewlett-Packard...
N7800A HP-N7800A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
STMicroelectronics
SPC56 STMICROELECTRONICS-SPC56 Datasheet
1Mb / 25P
   Embedded Software Solutions at all levels
logo
National Instruments Co...
PXI-665X NI-PXI-665X Datasheet
686Kb / 4P
   PXI and PXI Express Timing and Synchronization Control
logo
List of Unclassifed Man...
4573326590334 ETC-4573326590334 Datasheet
2Mb / 2P
   Soracom IoT Connectivity and Platform Services
logo
National Instruments Co...
PXI-6682 NI-PXI-6682 Datasheet
728Kb / 4P
   GPS, IEEE 1588, and IRIG-B Timing and Synchronization Modules for PXI and PXI Express
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
   Frequency Measurement and Switching Instruments
PCI-8570 ETC2-PCI-8570 Datasheet
272Kb / 1P
   PCI-to-PXI/PXI-to-PXI Expansion Kits
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
   Custom Wire Services
1/29/20
logo
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
   Wafer Level Processing and Die Processing Services
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com