Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2905A Datasheet(PDF) 5 Page - Keysight Technologies

Part # U2905A
Description  PXI & AXIe Instruments, Software, Reference Solutions and Services
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2905A Datasheet(HTML) 5 Page - Keysight Technologies

  U2905A Datasheet HTML 1Page - Keysight Technologies U2905A Datasheet HTML 2Page - Keysight Technologies U2905A Datasheet HTML 3Page - Keysight Technologies U2905A Datasheet HTML 4Page - Keysight Technologies U2905A Datasheet HTML 5Page - Keysight Technologies U2905A Datasheet HTML 6Page - Keysight Technologies U2905A Datasheet HTML 7Page - Keysight Technologies U2905A Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PXI & AXIe Instruments, Software, Reference Solutions and Services - Brochure | 05
www.keysight.com/find/modular
AXIe Instruments - Truly Advanced, Cutting Edge Technology
AXIe is a next-generation open standard based on Advance Telecom
Computing Architecture. By increasing the power and headroom available
to each slot, higher performance modules have been developed with faster
switching speeds, larger power draws and more complex measurement
architectures.
An augmented local bus, providing communication and synchronization
between slots, facilitates complex multi-instrument configurations, data
storage and co-processing. As a result, AXIe instruments provide timing,
triggering, and module-to-module data movement features for high-per-
formance test and measurement systems used in aerospace defense,
high-energy physics, semiconductor test and other industries.
AXIe products use horizontal configurations for minimal rack space and vertical for larger
systems. The chassis and modules compliment benchtop and PXI products and include
PCIe and LAN interfaces that allow them to act like virtual PXI or benchtop instruments.
For a complete list of AXIe instruments, visit:
www.keysight.com/find/AXIe
Figure 3. M8190A arbitrary waveform generator, M9703A digitizer in a
M9505A 5-slot AXIe chassis.
www.keysight.com/find/AXIe
AXIe Chassis, Controllers & IO
Components
www.keysight.com/find/axie-chassis
Select from an AXIe 2-, 5-slot and 14-slot chassis, all fully compatible with the AXIe 1.0 or 2.0
specification. The high performance, one-slot M9537A embedded controller offers AXIe-wide PCIe
support, multiple 4K video outputs and more.
AXIe Arbitrary Waveform Generators
www.keysight.com/find/axie-awg
From low-observable systems to high-density communications, testing is more realistic with our
high resolution, wide bandwidth AWGs.
AXIe Digitizers
www.keysight.com/find/axie-digitizers
Our revolutionary digitizers capture signals with good resolution and excellent measurement
accuracy. The M9703B offers 8-channels up to 1.6 GS/s and the M9709A offers 32 channels up to
1 GS/s.
BERTs
www.keysight.com/find/m8000
We offer BERTs to streamline receiver test setup by providing the highest level of integration and
automating stressed eye calibration. We also provide a highly integrated BERT for physical layer
characterization and compliance testing.
Logic & Protocol Analyzers
www.keysight.com/find/axie-logic
Address multi-protocol analysis, traffic generation, performance and conformance verification to
debug, validate and optimize your designs using high speed protocol standards.
7 Tips for RF & μW PXI & AXIe Test Solutions DVD
Get our 7 Tips DVD packed with tips, myth busters, application content including:
– How to achieve multi-vendor interoperability in PXI systems
– One size does not fit all - choosing the right instrument form factor
Get started: www.keysight.com/find/7modulartips


Similar Part No. - U2905A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
U2905 IRF-U2905 Datasheet
135Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - U2905A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E8397A KEYSIGHT-E8397A Datasheet
2Mb / 8P
   PXI & AXIe Instruments, Software, Reference Solutions and Services
logo
Agilent(Hewlett-Packard...
N7800A HP-N7800A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
STMicroelectronics
SPC56 STMICROELECTRONICS-SPC56 Datasheet
1Mb / 25P
   Embedded Software Solutions at all levels
logo
National Instruments Co...
PXI-665X NI-PXI-665X Datasheet
686Kb / 4P
   PXI and PXI Express Timing and Synchronization Control
logo
List of Unclassifed Man...
4573326590334 ETC-4573326590334 Datasheet
2Mb / 2P
   Soracom IoT Connectivity and Platform Services
logo
National Instruments Co...
PXI-6682 NI-PXI-6682 Datasheet
728Kb / 4P
   GPS, IEEE 1588, and IRIG-B Timing and Synchronization Modules for PXI and PXI Express
logo
List of Unclassifed Man...
T401 ETC1-T401 Datasheet
703Kb / 26P
   Frequency Measurement and Switching Instruments
PCI-8570 ETC2-PCI-8570 Datasheet
272Kb / 1P
   PCI-to-PXI/PXI-to-PXI Expansion Kits
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
   Custom Wire Services
1/29/20
logo
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
   Wafer Level Processing and Die Processing Services
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com