Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA699IDR Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA699IDR
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA699IDR Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA699IDR Datasheet HTML 1Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 2Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 3Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 4Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 5Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 6Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 7Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 8Page - Burr-Brown (TI) OPA699IDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
OPA699
5
SBOS261B
www.ti.com
AC PERFORMANCE (see Figure 2)
Small Signal Bandwidth (VO < 0.5VPP)
G = +6
234
200
190
180
MHz
min
B
G = +12
83
MHz
typ
C
G = –6
242
MHz
typ
C
Gain Bandwidth Product (G
≥ +20)
VO < 0.5VPP
880
700
650
600
MHz
min
B
Gain Peaking
VO < 0.5VPP, G = +4
8
dB
typ
C
0.1dB Gain Flatness Bandwidth
VO < 0.5VPP, G = +6
30
MHz
typ
C
Large-Signal Bandwidth
VO = 2VPP
250
200
190
180
MHz
min
B
Step Response
Slew Rate
2V Step
1050
850
800
700
V/
µsmin
B
Rise-and-Fall Time
0.5V Step
1.75
1.8
1.9
2.1
ns
max
B
Settling Time: 0.05%
2V Step
8
ns
typ
C
Spurious-Free Dynamic Range, Even
f = 5MHz, VO = 2VPP
64
61
60
58
dB
min
B
Odd
f = 5MHz, VO = 2VPP
70
69
67
65
dB
min
B
Input Noise
Voltage Noise Density
f
≥ 1MHz
4.2
4.6
5.2
5.6
nV/
√Hz
max
B
Current Noise Density
f
≥ 1MHz
2.1
2.6
2.8
3.0
pA/
√Hz
max
B
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)VO = VCM ± 0.5V
66
56
54
53
dB
min
A
Input Offset Voltage
±2
±6
±7
±8mV
max
A
Average Drift
±14
±14
µV/°Cmax
B
Input Bias Current(4)
+3
±10
±11
±12
µAmax
A
Average Drift
±25
±25
nA/
°Cmax
B
Input Offset Current
±0.4
±2
±2.5
±3
µAmax
A
Average Drift
±15
±15
nA/
°Cmax
B
INPUT
Common-Mode Rejection Ratio
Input Referred, VCM ±0.5V
58
54
53
52
dB
min
A
Common-Mode Input Range(5)
VCM ±0.8
VCM ±0.7
VCM ±0.7
VCM ±0.6
V
min
A
Input Impedance
M
Ω || pF
typ
C
Differential-Mode
0.32 || 1
Common-Mode
3.5 || 1
M
Ω || pF
typ
C
OUTPUT
VH = VCM + 1.8V, VL = VCM – 1.8V
Output Voltage Range
RL ≥ 500Ω
VCM ±1.6
VCM ±1.4
VCM ±1.4
VCM ±1.3
V
min
A
Current Output, Sourcing
+70
+60
+55
+50
mA
min
A
Sinking
–70
–60
–55
–50
mA
min
A
Closed-Loop Output Impedance
G = +4, f < 100kHz
0.2
typ
C
POWER SUPPLY
Operating Voltage, Specified
5
V
typ
C
Maximum
+12
+12
+12
V
max
A
Quiescent Current, Maximum
VS = +5V
14.3
14.9
15.1
15.3
mA
max
A
Minimum
VS = +5V
14.3
13.6
13.4
13.2
mA
min
A
Power-Supply Rejection Ratio
VS = 4.5V to 5.5V
+PSRR (Input Referred)
70
dB
typ
C
OPA699ID
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits are tested at +25
°C.
G = +6, RF = 750Ω, RL = 500Ω tied to VCM = +2.5V, VL = VCM –1.2V, and VH = VCM +1.2V, (see Figure 2 for AC performance only), unless otherwise noted.
TYP
MIN/MAX OVER TEMPERATURE
NOTES: (1) Junction temperature = ambient temperature for low temperature limit and +25
°C Test Level A specifications. Junction temperature = ambient
temperature +23
°C at high temperature limit Test Level A specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +1
°C at high temperature limit for over-temperature
tested specifications.
(3) Test Levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value for information only.
(4) Current is considered positive out of node.
(5) CMIR tested as < 3dB degradation from minimum CMRR at specified limits.
(6) IVH (VH bias current) is negative, and IVL (VL bias current) is positive, under these conditions. See Note 3 and Figures 2 and 12.
(7) Limiter feedthrough is the ratio of the output magnitude to the sinewave added to VH (or VL) when VIN = 0.
(8) VH slew rate conditions are: VIN = VCM +0.4V, G = +6, VL = VCM –1.2V, VH = step between VCM +1.2V and VCM. VL slew rate conditions are similar.
(9) Linearity Guardband is defined for an output sinusoid (f = 5MHz, VO = VCM ±1VPP) centered between the limiter levels (VH and VL). It is the
difference between the limiter level and the peak output voltage where SFDR decreases by 3dB (see Figure 8).


Similar Part No. - OPA699IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699IDR TI1-OPA699IDR Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699IDR TI1-OPA699IDR Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA699IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699 TI1-OPA699_14 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699IDG4 TI1-OPA699IDG4 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA689 BURR-BROWN-OPA689 Datasheet
175Kb / 16P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA689 TI1-OPA689 Datasheet
306Kb / 20P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com