Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7812IH Datasheet(PDF) 3 Page - International Rectifier

Part # OM7812IH
Description  ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7812IH Datasheet(HTML) 3 Page - International Rectifier

  OM7812IH Datasheet HTML 1Page - International Rectifier OM7812IH Datasheet HTML 2Page - International Rectifier OM7812IH Datasheet HTML 3Page - International Rectifier OM7812IH Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 219
3.3
OM7800IH Series
ELECTRICAL CHARACTERISTICS 15 Volt
VIN = 23V, Io = 500mA, -55°C TA 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
VOUT
TA = 25°C
14.8
15.2
V
VIN = 18.5V to 30V
14.6
15.4
V
Line Regulation
VRLINE
VIN = 17.5V to 30V
20
mV
(Note 1)
50
mV
VIN = 20V to 26V
15
mV
25
mV
Load Regulation
VRLOAD
IO = 5mA to 1.5 Amp
35
mV
(Note 1)
IO = 5mA to 1.0 Amp
75
mV
IO = 250mA to 750 mA
21
mV
45
mV
Standby Current Drain
ISCD
6.0
mA
6.5
mA
Standby Current Drain
D
ISCD
VIN = 18.5V to 30V
0.8
mA
Change With Line
(Line)
Standby Current Drain
D
ISCD
IO = 5mA to 1000mA
0.5
mA
Change With Load
(Load)
Dropout Voltage
VDO
TA = 25°C, DVOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
IO (pk)
TA = 25°C
1.5
3.3
A
Short Circuit Current
IDS
VIN = 35V
1.2
A
(Note 2)
2.8
A
Ripple Rejection
D
VIN
f =120 Hz, DVIN = 10V
54
dB
D
VOUT
(Note 3)
52
dB
Output Noise Voltage
NO
TA = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
D
VOUT
TA = 25°C, t = 1000 hrs.
150
mV
(Note 3)
D
t
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. Short Circuit protection is only assured up to V
IN = 35V.
3. If not tested, shall be guaranteed to the specified limits.
The • denotes the specifications which apply over the full operating temperature range.
3.5
3
2.5
2
1.5
1
0.5
0
0
5
10
15
20
25
30
35
PEAK OUTPUT
D
V
OUT = 100mV
T
j = -55°C
T
j = 25°C
T
j = 150°C
Input To Output Differential (V)
2.5
2
1.5
1
0.5
0
-75 -50 -25
0
25
50 75 100 125 150
DROPOUT VOLTAGE
D
V
OUT = 100MV
I
OUT = 0A
I
OUT = 500mA
I
OUT = 1A
Junction Temperature (°C)
100
80
60
40
20
10
100
1k
10k
100k
RIPPLE REJECTION
V
OUT = 5V
V
IN - V = 8VDC + 3.5 Vrms
I
OUT = 1A
T
j = 25°C
Frequency (Hz)
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - OM7812IH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7812SM ETC-OM7812SM Datasheet
27Kb / 2P
   SURFACE MOUNT POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - OM7812IH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7805AIHP ETC2-OM7805AIHP Datasheet
45Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS
OM7900IH ETC1-OM7900IH Datasheet
57Kb / 5P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE NEGATIVE REGULATORS
OM7611ST ETC-OM7611ST Datasheet
52Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM7611STM ETC2-OM7611STM Datasheet
47Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATORS
OM1815STM ETC2-OM1815STM Datasheet
34Kb / 4P
   ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM7604ST ETC-OM7604ST Datasheet
44Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7662 ETC-OM7662 Datasheet
33Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com