Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NP25636-5TQ Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61NP25636-5TQ
Description  256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NP25636-5TQ Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61NP25636-5TQ Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61NP25636-5TQ Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
PRELIMINARY INFORMATION
Rev. 00E
04/26/01
IS61NP25632
IS61NP25636
IS61NP51218
IS61NLP25632
IS61NLP25636
IS61NLP51218
ISSI®
OPERATING RANGE
Range
Ambient Temperature
VCC
VCCQ
Commercial
0°C to +70°C
3.3V ± 5%
3.3V ± 5%
3.3V ± 5%
2.5V ± 5%
Industrial
-40°C to +85°C
3.3V ± 5%
3.3V ± 5%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-133
-100
MAX
MAX
Symbol
Parameter
Test Conditions
x18
x32/36
x18
x32/36
Unit
ICC
AC Operating
Device Selected,
Com.
350
350
300
300
mA
Supply Current
OE = VIH, ZZ
≤ VIL,IND.
——
350
350
All Inputs
≤ 0.2V OR ≥ VCC – 0.2V,
Cycle Time
≥ tKC min.
ISB
Standby Current
Device Deselected,
COM.
9090
8080
mA
TTL Input
VCC = Max.,
Ind.
——
90
90
All Inputs
≤ 0.2V OR ≥ VCC – 0.2V,
ZZ
≤ VIL, f = Max.
ISBI
Standby Current
Device Deselected,
Com.
20
20
20
20
mA
CMOS Input
VCC = Max.,
Ind.
——
25
25
VIN
≤ GND + 0.2V or ≥ VCC – 0.2V
f = 0
Note:
1. MODE pin has an internal pullup and should be tied to Vcc or GND. It exhibits ±30 µA maximum leakage current
when tied to
≤ GND + 0.2V or ≥ Vcc – 0.2V.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
2.5V
3.3V
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –4.0 mA (3.3V)
2.0
2.4
V
IOH = 1.0 mA
(2.5V)
VOL
Output LOW Voltage
IOL = 8.0 mA (3.3V)
0.4
0.4
V
IOL = 1.0 mA (2.5V)
VIH
Input HIGH Voltage
1.7
VCC + 0.3
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
–0.3
0.7
–0.3
0.8
V
ILI
Input Leakage Current
GND
≤ VIN ≤ VCC(1)
–55
–55
µA
ILO
Output Leakage Current
GND
≤ VOUT ≤ VCCQ, OE = VI
–55
–55
µA


Similar Part No. - IS61NP25636-5TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25618 ISSI-IS61NP25618 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NP25618-133B ISSI-IS61NP25618-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NP25618-133TQ ISSI-IS61NP25618-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NP25618-150B ISSI-IS61NP25618-150B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NP25618-150TQ ISSI-IS61NP25618-150TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NP25636-5TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25672 ISSI-IS61NLP25672 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com