Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7F100HFN-LB Datasheet(PDF) 4 Page - Rohm

Part # BD7F100HFN-LB
Description  Optocoupler-less Isolated Flyback Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7F100HFN-LB Datasheet(HTML) 4 Page - Rohm

  BD7F100HFN-LB Datasheet HTML 1Page - Rohm BD7F100HFN-LB Datasheet HTML 2Page - Rohm BD7F100HFN-LB Datasheet HTML 3Page - Rohm BD7F100HFN-LB Datasheet HTML 4Page - Rohm BD7F100HFN-LB Datasheet HTML 5Page - Rohm BD7F100HFN-LB Datasheet HTML 6Page - Rohm BD7F100HFN-LB Datasheet HTML 7Page - Rohm BD7F100HFN-LB Datasheet HTML 8Page - Rohm BD7F100HFN-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4/28
BD7F100HFN-LB BD7F100EFJ-LB
TSZ02201-0J1J0AJ00910-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
29.Jun.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Description of Blocks - continued
7.
LOAD COMPENSATION
This is the block which compensates the output voltage regulation by VF characteristic fluctuation of the secondary side
output diode according to the load current.
The current which flows into the built-in N-Channel MOSFET is monitored, and the current according to the compensation
quantity and the time constant which are determined by the external resistor and the capacitor of the COMP terminal is
drawn from the REF terminal. The output voltage rises and is rectified when feedback current which flows into the external
resistor of the REF terminal decreases and the REF terminal voltage falls.
8.
TSD
This is the temperature protection block.
If the chip’s junction temperature, Tj, inside the IC is above 175°C (Typ), it will be detected and this block will be in the
protection state and the SW terminal becomes Hi-Z.
If Tj falls to below 150°C (Typ), it will return automatically through soft start.
9.
OCP
This is the over-current protection block.
If the peak current during the ON-Time of the built-in N-Channel MOSFET reaches 1.25A (Typ), it will be detected and the
N-Channel MOSFET is turned OFF.
If output voltage goes to 50% or less of the setting voltage, the peak detection current of OCP will be controlled by 0.625A
(Typ).The min off time is 1.5μs (Typ) when the OCP is operated under the condition where the output voltage is 50% of
the set voltage.
Absolute Maximum Ratings (Ta = 25 °C)
Parameter
Symbol
Rating
Unit
BD7F100HFN-LB
BD7F100EFJ-LB
VIN Input Power Voltage (Note 1)
VIN
45
V
SW Terminal Voltage
VSW
60
V
SDX/EN Terminal Voltage
VSDX/EN
VIN
V
FB Terminal Voltage
VFB
VIN-0.3V to VIN
V
REF Terminal Voltage
VREF
7
V
COMP Terminal Voltage
VCOMP
7
V
Power Dissipation
Pd
1.75 (Note 2)
3.75 (Note 3)
W
Storage Temperature Range
Tstg
-
55 to +150
°C
Maximum Junction Temperature
Tjmax
150
°C
(Note 1) Not to exceed Power Dissipation (Pd).
(Note 2) Reduced by 14.0mW/°C for temperatures above 25°C (when mounted on a one-layer glass-epoxy board with 70mm × 70mm × 1.6mm dimension,
65% copper foil density)
(Note 3) Reduced by 30.0mW/°C for temperatures above 25°C (when mounted on four-layer glass-epoxy board with 70mm × 70mm × 1.6mm dimension.)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Min
Typ
Max
VIN Input Power Voltage
VIN
3
24
40
V
SW Terminal Voltage
VSW
-
-
50
V
Junction Temperature (Note4)
Tj
-
40
-
+125
°C
(Note 4) Life time is derated at junction temperature greater than 125°C.


Similar Part No. - BD7F100HFN-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7F100HFN-EVK-001 ROHM-BD7F100HFN-EVK-001 Datasheet
1Mb / 12P
   Isolated DC/DC Converter
More results

Similar Description - BD7F100HFN-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB Datasheet
1Mb / 31P
   Optocoupler-less Isolated Flyback Converter
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
   Isolated Flyback Converter
09.Dec.2022 Rev.004
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_15 Datasheet
313Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
logo
Power Integrations, Inc...
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
   Non-isolated Flyback (Buck/Boost) Converter
logo
Linear Technology
LT3512 LINER-LT3512_11 Datasheet
236Kb / 24P
   Monolithic High Voltage Isolated Flyback Converter
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com