Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7672BG-TR Datasheet(PDF) 5 Page - Rohm

Part # BD7672BG-TR
Description  PWM Control Type DC/DC Converter IC for AC/DC Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7672BG-TR Datasheet(HTML) 5 Page - Rohm

  BD7672BG-TR Datasheet HTML 1Page - Rohm BD7672BG-TR Datasheet HTML 2Page - Rohm BD7672BG-TR Datasheet HTML 3Page - Rohm BD7672BG-TR Datasheet HTML 4Page - Rohm BD7672BG-TR Datasheet HTML 5Page - Rohm BD7672BG-TR Datasheet HTML 6Page - Rohm BD7672BG-TR Datasheet HTML 7Page - Rohm BD7672BG-TR Datasheet HTML 8Page - Rohm BD7672BG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/17
Datasheet
Datasheet
BD7672BG
TSZ02201-0F2F0A200160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
16.Jul.2015 Rev.002
www.rohm.com
TSZ22111・15・001
( 2 ) VCC Pin Protection
BD7672BG includes UVLO (Under Voltage Locked Out) and OVP (Over Voltage Protection) functions to monitor VCC pin
voltage (see Figure 6 for OVP latch operation).
The UVLO function prevents damage to MOSFET by stopping switching operations by latch protection when the VCC pin
voltage drops to VCC < VUVLO2 (= 7.5V Typ).
The VCC OVP function prevents damage to MOSFET by stopping switching operations when the VCC pin voltage exceeds
VOVP1 (= 27.5V Typ).
The latch release condition is when VCC < VLATCH (VUVLO2 - 0.5V, Typ = 7.0V). A latch blanking time is used for protecting
mal-function. This time is 100us.
7. 5V
13.5V
VCC
Switing
Time
OFF
Time
27.5V
ON
7.0V
OFF
OUT
ON
100 us
Figure 6, VCC UVLO/OVP Operation (Latch)


Similar Part No. - BD7672BG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG-TR ROHM-BD7673AG-TR Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7679G ROHM-BD7679G Datasheet
992Kb / 20P
   PWM current mode method
More results

Similar Description - BD7672BG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
logo
Mitsumi Electronics, Co...
MM3663 MITSUMI-MM3663 Datasheet
162Kb / 23P
   The PWM control IC for AC-DC converter
logo
Rohm
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P10XXJ-Z ROHM-BM2P10XXJ-Z Datasheet
1Mb / 31P
   AC/DC Converter Built-in Switching MOSFET PWM-type DC/DC Converter IC
18.Apr.2022 Rev.001
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
   PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com