Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P062FJ-E2 Datasheet(PDF) 6 Page - Rohm

Part # BM1P062FJ-E2
Description  PWM Control IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P062FJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BM1P062FJ-E2 Datasheet HTML 2Page - Rohm BM1P062FJ-E2 Datasheet HTML 3Page - Rohm BM1P062FJ-E2 Datasheet HTML 4Page - Rohm BM1P062FJ-E2 Datasheet HTML 5Page - Rohm BM1P062FJ-E2 Datasheet HTML 6Page - Rohm BM1P062FJ-E2 Datasheet HTML 7Page - Rohm BM1P062FJ-E2 Datasheet HTML 8Page - Rohm BM1P062FJ-E2 Datasheet HTML 9Page - Rohm BM1P062FJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/26
Datasheet
Datasheet
BM1P107FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
● Description of application operations in blocks
(1)
Start circuit (VH pin: 8 pin)
This IC has a built-in start circuit (withstands 650 V). This enables both low standby mode power and high-speed
startup.
This start circuit operates only at startup. The current flow when operating is shown in Figure 5.
After startup, the power consumed is only for the idling current I
START3 (typ = 10 uA).
ex) When Vac = 100 V, power consumption is from start circuit only
PVH = 100 V*
√2*10 uA = 1.41 mW
ex) When Vac = 240 V, power consumption is from start circuit only
PVH = 240 V*
√2*10 uA = 3.38 mW
Startup time is determined based on the inflow current for the VH pin and the capacitance for the VCC pin.
Startup time reference values are shown in Figure 6. For example, when Cvcc = 10 uF, startup takes about 0.07 seconds.
When the VCC pin has been shorted by GND, the ISTART1 current in Figure 5 flows.
When the VH pin has been shorted by GND, a large current flows to GND from the VH line. To prevent this, insert resistor
RVH (5 kΩ ~ 60 kΩ) to limit the current between the VH line and the VH pin of the IC.
When the VH pin is shorted, the power of VH
2/R
VH is applied to the resistor. Therefore, select a resistor size that is able
to tolerate this amount of power.
If one resistor is not enough for the allowable power, connect two or more resistors in series.
Figure 4. Block Diagram of Start Circuit
0.0 
0.1 
0.2 
0.3 
0.4 
0.5 
0.6 
0.7 
0.8 
0.9 
1.0 
0
5
10
15
20
25
30
35
40
45
50
Cvcc  [uF]
Figure 5. Start Current vs VCC Voltage
Figure 6. Startup Time (Reference Value)
(* Start current flows from the VH pin.)
(CVCC is capacitance for the VCC pin.)
The operating waveform at startup is as follows.


Similar Part No. - BM1P062FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P062FJ-E2 ROHM-BM1P062FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P062FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com