Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P101FJ-E2 Datasheet(PDF) 10 Page - Rohm

Part # BM1P101FJ-E2
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P101FJ-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BM1P101FJ-E2 Datasheet HTML 6Page - Rohm BM1P101FJ-E2 Datasheet HTML 7Page - Rohm BM1P101FJ-E2 Datasheet HTML 8Page - Rohm BM1P101FJ-E2 Datasheet HTML 9Page - Rohm BM1P101FJ-E2 Datasheet HTML 10Page - Rohm BM1P101FJ-E2 Datasheet HTML 11Page - Rohm BM1P101FJ-E2 Datasheet HTML 12Page - Rohm BM1P101FJ-E2 Datasheet HTML 13Page - Rohm BM1P101FJ-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10/27
Datasheet
Datasheet
BM1P105FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
A: Voltage is applied to the VH pin (pin 8) and voltage at the VCC pin (pin 6) starts to rise.
B: When VCC pin (pin 6) voltage > V
UVLO1, the VCC UVLO function is canceled and the DC/DC operation starts.
Then VCC start-up circuit stops charging.
C: When VCC pin (pin 6) voltage < V
UVLO2, the VCC UVLO function is operated and the DC/DC operation stops.
Then VCC start-up circuit starts charging.
D: When VCC pin (pin 6) voltage > V
UVLO1, the VCC UVLO function is canceled and the DC/DC operation starts.
Then VCC start-up circuit stops charging.
E: After finishing start-up, VCC pin voltage is stable as secondary output voltage is stable.
F: VCC pin voltage rises
G: When VCC pin (pin 6) voltage > V
OCP status continues for TLATCH (typ = 100us), switching operation is stopped
by the VCC OVP function.
H: When VCC pin voltage < VOVP2, VCCOVP function is released, and the switching operation re-starts.
I: When VCC pin voltage < VUVLO2, VCCUVLO function operates, and switching operation stops.
J: When VCC pin (pin 6) voltage > V
UVLO1, the VCC UVLO function is canceled and the DC/DC operation starts.
K: The same as I.
L: The same as J.
M: The same as K.
N: High voltage line VH is reduced. Then VCC pin voltage drops because IC cannot charge the power to VCC pin.
O: When VCC < V
UVLO2, the VCC UVLO function operates.
P: When VCC > V
UVLO, start-up circuit stops, and the switching operation re-starts.
・Capacitance value of VCC pin
To ensure stable operation of the IC, set the VCC pin capacitance value to 10 uF or above.
If the capacitor for the VCC pin is too large, it will delay the response of the VCC pin to secondary output. In cases where
the transformer has a low degree of coupling, a large surge can be generated at the VCC pin, which may damage the IC. In
such cases, insert a resistance of 10
Ω to 100 Ω on a bus between the diode and capacitor after the auxiliary winding. As
for constants, perform a waveform evaluation of the VCC pin and enter settings that will prevent any surge at the VCC pin
from exceeding the absolute maximum rating for the VCC pin.
・VCC OVP voltage protection settings for increased secondary output
The VCC pin voltage is determined by the secondary output and the transformer ratio (Np:Ns).
Accordingly, when secondary output has become large, it can be protected by VCC OVP.
The VCC OVP protection settings are as follows.
Np
Nb
Ns
Vout
Figure 12
VCC OVP Settings
This is determined by VCC voltage = Vout x Nb/Ns.
(Vout: Secondary output, Nb: auxiliary winding turns, Ns: secondary winding turns).
When secondary output voltage rises 30% high, and protection is desired, set the number of winding turns so that 1.3 x
Vout x (Nb/Ns) > VOVP1.
For VCC OVP protection, since there is the TLATCH (typ = 100 us) blanking time, VCC OVP protection cannot be detected for
instantaneous surges at the VCC pin.
However, VCC OVP is detected when the VCC pin voltage has become higher than VOVP1 for at least the TLATCH period,
such as due to the impact of a low degree of transformer couplings, so an application evaluation should be done to check
this before setting VCC OVP.


Similar Part No. - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P101FJ-E2 ROHM-BM1P101FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P101FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com