Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1R00002-E2 Datasheet(PDF) 6 Page - Rohm

Part # BM1R00002-E2
Description  High Efficiency and Low Standby Power CCM corresponding
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00002-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BM1R00002-E2 Datasheet HTML 2Page - Rohm BM1R00002-E2 Datasheet HTML 3Page - Rohm BM1R00002-E2 Datasheet HTML 4Page - Rohm BM1R00002-E2 Datasheet HTML 5Page - Rohm BM1R00002-E2 Datasheet HTML 6Page - Rohm BM1R00002-E2 Datasheet HTML 7Page - Rohm BM1R00002-E2 Datasheet HTML 8Page - Rohm BM1R00002-E2 Datasheet HTML 9Page - Rohm BM1R00002-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
5/22
TSZ02201-0F4F0A2BM1R0-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BM1R00xxxF
0V
-100mV
-100mV
MAX_TON
TIMER
-Vf
Description of Block
– continued
5.
MAX_TON Block
MAX_TON block sets the maximum ON time. DRAIN terminal voltage starts counting when the rising edge of the
output voltage exceeds VCC × 1.4V (Typ). In addition, the recounting starts when it detects another rising edge. The
synchronous rectification FET will be forced OFF after the set time has elapsed. The time can be adjusted by varying
the resistance value of the resistor connected to the MAX_TON terminal.
The relationship between the resistance value (RMAX_TON) and set time (TMAX_TON) is described as follows:
Calculation Example:
If you want to set the maximum ON time to 10µs, the value of RMAX_TON is as follows:
However, the formula above is for an ideal approximation only; it is still strongly advised that the operation of the actual
application should still be verified.
By setting this time, it becomes possible to prevent the simultaneous ON operation of the primary side and the
secondary side in continuous mode.
The drive sequence in continuous mode operation is shown in the figure below:
a capacitor C1 and a Moreover, in order to reduce as much as possible the influence of the switching noise, resistor R1
in series should be connected to the MAX_TON terminal. The capacitance should approximately be 1000pF, and the
resistance value is recommended to be around
1kΩ.This also serves as phase compensation of MAX_TON terminal
and therefore should be connected.
This function may be disabled by pulling up the MAX_TON terminal to VCC pin in quasi-resonant and current
resonance applications which do not operate on conti
nuous mode. The 1000pF and 1kΩ resistor is also unnecessary.
6.
AUTO SHUTDOWN Block
The Auto Shutdown block automatically turns the synchronous rectification ON/OFF depending on the presence or
absence of the DRAIN terminal pulse. Shutdown occurs if the input pulses on the DRAIN terminal has more than 200us
between pulses. This stops the synchronous rectification operation. The IC will restart the synchronous rectification
after it detects 256 occurrences of input pulses on the DRAIN terminal.
7.
SHUNT REGULATOR Chip
A high-accuracy shunt regulator with ultra-low consumption is used for controlling the output voltage of the AC/DC.
Since the synchronous rectification and the shunt regulator are built in a completely different chip, GND separation is
possible. Therefore, it becomes possible to place the shunt regulator on the secondary-side GND reference in the
synchronous rectification applications in case of disposing the High Side FET. It can also be used as protection for the
comparator, the secondary side OVP, FET overheat protection, etc.
8.
PROTECTION Block
When an abnormal condition is detected after the timer count is completed, the photo coupler from SH_OUT terminal is
driven to stop the switching operation on the primary side.
(1) Primary side FET = ON. Current I1 flows to the primary side FET. Secondary side drain voltage VDS2 rises.
(2) The VDS2 = VCC × 1.4 detects the rise edge of the threshold, MAX_TON timer start.
(3) Primary side FET = OFF. Current I2 flows through the Body Diode of the secondary side FET (OFF state).
(4) Secondary side drain voltage VDS2<-100mV by I2 Current, Secondary side FET=ON.
(5) Elapsed the set time in MAX_TON terminals, the secondary-side FET = compulsory OFF.
(6) Since the I2 current flows through the Body Diode, Vf voltage occurs.
k
s
k
µs
100
/
10
10
 
 
s
k
µs
t
k
R
TON
MAX
TON
MAX
/
10
_
_
(1)
(2)
(3)
(4)
(6)
(5)
(1)
Period allotted for G1 and G2
to avoid concurrent ON state
at continuous mode
operation.
VDS2
I1
I2
VG1
VG2
tMAX_ON
tMAX_ON
VCC x 1.4
VOUT
Primary
Side
Controller
+
-
-100mV
S
Q
R
VCCx1.4
Compulsion
ON TIME
-6mV
MAX_TON
BLOCK
MAX_TON
GND
LDO BLOCK
+
-
SR_GND
DRAIN_COMP
SET_COMP
RESET_COMP
Compulsion
OFF TIME
VG1
I1
I2
VDS2
VG2
Np Ns
VH
RMAX_TON
R1
C1
Vf
D1
RDRAIN1
RDRAIN2
LFB
Figure 2. The drive sequence in continuous mode operation


Similar Part No. - BM1R00002-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00147F ROHM-BM1R00147F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00148F ROHM-BM1R00148F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00149F ROHM-BM1R00149F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00150F ROHM-BM1R00150F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
More results

Similar Description - BM1R00002-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00178F ROHM-BM1R00178F Datasheet
1Mb / 26P
   High Efficiency, Low Standby Power and CCM Corresponding Secondary Side Synchronous Rectification Controller IC
logo
Unisonic Technologies
UUR3060L-T47-T UTC-UUR3060L-T47-T Datasheet
235Kb / 4P
   High efficiency and low power loss
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
Rohm
BD85506F ROHM-BD85506F Datasheet
2Mb / 37P
   High Efficiency / Low Standby Power 2-Channel Secondary Side Synchronous Rectification Control IC
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com