Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P106FJ-E2 Datasheet(PDF) 3 Page - Rohm

Part # BM1P106FJ-E2
Description  PWM Control IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P106FJ-E2 Datasheet(HTML) 3 Page - Rohm

  BM1P106FJ-E2 Datasheet HTML 1Page - Rohm BM1P106FJ-E2 Datasheet HTML 2Page - Rohm BM1P106FJ-E2 Datasheet HTML 3Page - Rohm BM1P106FJ-E2 Datasheet HTML 4Page - Rohm BM1P106FJ-E2 Datasheet HTML 5Page - Rohm BM1P106FJ-E2 Datasheet HTML 6Page - Rohm BM1P106FJ-E2 Datasheet HTML 7Page - Rohm BM1P106FJ-E2 Datasheet HTML 8Page - Rohm BM1P106FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/26
Datasheet
Datasheet
BM1P067FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
● Electrical characteristics of control IC block (Unless otherwise noted, Ta = 25°C, VCC = 15 V)
Parameter
Symbol
Rating
Unit
Conditions
Min.
Typ.
Max.
[PWM type DC/DC driver block]
Oscillation frequency 1a
F
SW1a
60
65
70
kHz
FB = 2.00 V average
frequency
Oscillation frequency 2
F
SW2
-
25
-
kHz
FB = 0.40 V average
frequency
Frequency hopping range
F
DEL1
-
4.0
-
kHz
FB = 2.00 V average
frequency
Hopping fluctuation frequency
F
CH
75
125
175
Hz
Minimum pulse width
Tmin
-
400
-
ns
Soft start time 1
T
SS1
0.30
0.50
0.70
ms
Soft start time 2
T
SS2
0.60
1.00
1.40
ms
Soft start time 3
T
SS3
1.20
2.00
2.80
ms
Soft start time 4
T
SS4
2.40
4.00
5.60
ms
Maximum duty
Dmax
68.0
75.0
82.0
%
FB pin pull-up resistance
R
FB
22
30
38
k
FB / CS gain
Gain
-
4.00
-
V/V
FB burst voltage 1
V
BST1
0.300
0.400
0.500
V
FB drop
FB burst voltage 2
V
BST2
0.350
0.450
0.550
V
FB rise
FBOLP voltage 1a
V
FOLP1A
2.60
2.80
3.00
V
When overload is detected
(FB rise)
FBOLP voltage 1b
V
FOLP1B
-
VFOLP2A-0.2
-
V
When overload is detected
(FB drop)
FBOLP detection timer
T
FOLP
44
64
84
ms
[Overcurrent detection block]
Overcurrent detection voltage
V
CS
0.380
0.400
0.420
V
Ton = 0 us
Overcurrent detection voltage
SS1
V
CS_SS1
-
0.100
-
V
0 [ms] ~ Tss1 [ms]
Overcurrent detection voltage
SS2
V
CS_SS2
-
0.150
-
V
TSS1 [ms] ~ TSS2 [ms]
Overcurrent detection voltage
SS3
V
CS_SS3
-
0.200
-
V
TSS2 [ms] ~ TSS3[ms]
Overcurrent detection voltage
SS4
V
CS_SS4
-
0.300
-
V
TSS3 [ms] ~ TSS4 [ms]
Leading edge blanking time
T
LEB
-
250
-
ns
Overcurrent
detection
AC
compensation factor
K
CS
12
20
28
mV/us


Similar Part No. - BM1P106FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P106FJ-E2 ROHM-BM1P106FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P106FJ-E2 ROHM-BM1P106FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P106FJ-E2 ROHM-BM1P106FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P106FJ-E2 ROHM-BM1P106FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P106FJ-E2 ROHM-BM1P106FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P106FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com