Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P107FJ-E2 Datasheet(PDF) 1 Page - Rohm

Part # BM1P107FJ-E2
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P107FJ-E2 Datasheet(HTML) 1 Page - Rohm

  BM1P107FJ-E2 Datasheet HTML 1Page - Rohm BM1P107FJ-E2 Datasheet HTML 2Page - Rohm BM1P107FJ-E2 Datasheet HTML 3Page - Rohm BM1P107FJ-E2 Datasheet HTML 4Page - Rohm BM1P107FJ-E2 Datasheet HTML 5Page - Rohm BM1P107FJ-E2 Datasheet HTML 6Page - Rohm BM1P107FJ-E2 Datasheet HTML 7Page - Rohm BM1P107FJ-E2 Datasheet HTML 8Page - Rohm BM1P107FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Datasheet
○ Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
.
1/27
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
AC/DC Drivers
PWM Control IC
BM1P105FJ
● General
The PWM control IC for AC/DC “BM1P105FJ”
provides an optimum system for all products that
include an electrical outlet.
A built-in start circuit that withstands 650 V helps to
keep power consumption low. Both isolated and
non-isolated
versions
are
supported,
making
for
simpler
design
of
various
types
of
low-power
converters. Switching MOSFET and current detection
resistors are external devices, thus achieving a higher
degree of freedom in power supply design. The
switching frequency is set as fixed. Since current mode
control is used, a current limit is imposed in each cycle,
and
excellent
performance
is
demonstrated
in
bandwidth and transient response. With a light load,
frequency is reduced and higher efficiency is realized.
A
frequency
hopping
function
is
also
built
in,
contributing to low EMI.
Also on chip are soft start and burst functions, a
per-cycle
overcurrent
limiter,
VCC
overvoltage
protection, overload protection, and other protection
functions.
● Basic Specifications
Operating power supply voltage range:
VCC 8.9 V to 26.0 V
VH:
to 600 V
Operating current:
Normal: 0.60 mA (Typ.)
Burst mode: 0.35 mA (Typ.)
Oscillation frequency:
BM1P105FJ: 100 kHz (Typ.)
Operating temperature range:
-40°C to +85°C
● Features
 PWM frequency: 100 kHz
 PWM current mode method
 Frequency hopping function
 Burst operation during light load / Frequency
reduction function
 650 V start circuit
 VCC pin undervoltage protection
 VCC pin overvoltage protection
 CS pin open protection
 CS pin Leading-Edge-Blanking function
 Per-cycle overcurrent limiter function
 Overcurrent limiter with AC voltage compensation
function
 Soft start function
 Secondary overcurrent protection circuit
● Package
SOP-J8
4.90 mm × 6.00 mm × 1.65 mm pitch 1.27 mm
(Typ.)
(Typ.)
(Typ.)
(Typ.)
● Applications
AC adapters, TVs, and household appliances
(vacuum cleaners, humidifiers, air cleaners, air
conditioners, IH cooking heaters, rice cookers, etc.)
● Application circuit
● Line-up
Frequency
VCCOVP
VCC recharge
X-cap
discharge
Brown-out
BM1P061FJ
65kHz
Auto-restart
BM1P062FJ
65kHz
Latch
BM1P063FJ
65kHz
Auto-restart
×
×
BM1P064FJ
65kHz
Latch
×
×
BM1P065FJ
65kHz
Auto-restart
×
×
BM1P066FJ
65kHz
Latch
×
×
BM1P067FJ
65kHz
Auto-restart
×
×
×
BM1P068FJ
65kHz
Latch
×
×
×
BM1P101FJ
100kHz
Auto-restart
BM1P102FJ
100kHz
Latch
BM1P103FJ
100kHz
Auto-restart
×
×
BM1P104FJ
100kHz
Latch
×
×
BM1P105FJ
100kHz
Auto-restart
×
×
BM1P106FJ
100kHz
Latch
×
×
BM1P107FJ
100kHz
Auto-restart
×
×
×
BM1P108FJ
100kHz
Latch
×
×
×
Figure 1.Application Circuit


Similar Part No. - BM1P107FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ-E2 ROHM-BM1P107FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P107FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com