Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P108FJ-E2 Datasheet(PDF) 8 Page - Rohm

Part # BM1P108FJ-E2
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P108FJ-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BM1P108FJ-E2 Datasheet HTML 4Page - Rohm BM1P108FJ-E2 Datasheet HTML 5Page - Rohm BM1P108FJ-E2 Datasheet HTML 6Page - Rohm BM1P108FJ-E2 Datasheet HTML 7Page - Rohm BM1P108FJ-E2 Datasheet HTML 8Page - Rohm BM1P108FJ-E2 Datasheet HTML 9Page - Rohm BM1P108FJ-E2 Datasheet HTML 10Page - Rohm BM1P108FJ-E2 Datasheet HTML 11Page - Rohm BM1P108FJ-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8/27
Datasheet
Datasheet
BM1P105FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(2) Startup sequences (soft start operation, light load operation, auto recovery operation during overload protection)
Startup sequences are shown in Figure 8.
See the sections below for detailed descriptions.
Figure 8. Startup Sequence Time Chart
A: Voltage is applied to the input voltage (VH) pin (pin 8).
B: The VCC pin (pin 6) voltage rises, and when VCC > V
UVLO1 (13.5 V typ) this IC starts to operate.
When protection functions (ACMONI, VCC, CS, FB pin, temperature) are judged as normal, switching operation begins.
At this time, the VCC pin (pin 6) consumption current necessarily causes the VCC pin voltage to drop. When VCC <
V
UVLO2 (8.2 V typ), switching operation stops by VCC UVLO function. For that, set VCC capacitor to finish start-up before
VCC<V
UVLO2(8.2V.typ)
C: With the soft start function, excessive rises in voltage and current are prevented by adjusting the voltage level of the CS
pin (pin 3). During a soft start, the IC changes the overcurrent detection voltage from VCC_SS1 to VCC_SS4 to prevent
overshoot of the output voltage. VCC_SS1 is described in Table 2 below.
Table 2 Overcurrent Detection Voltage at Startup
D: When the switching operation starts, the secondary output voltage VOUT rises.
After switching has started, set the output voltage to within T
FOLP (64 ms typ) to become the rated voltage.
E: When there is a light load, burst operation suppresses power consumption.
F: When there is an overload, the FB pin (pin 2) voltage becomes greater than V
FOLP1A
to reduce the output voltage.
G: If the FB pin (pin 2) voltage exceeds V
FOLP1A for TFOLP (64 ms typ) or longer, the overload protection circuit stops the
switching operation. For that, set to finish the start-up time within TFOLP (64 ms typ).
When the FB pin (pin 2) voltage exceeds V
FOLP1B, the IC’s internal timer TFOLP (64 ms typ) is reset.
H: When VCC voltage becomes VCC < V
UVLO2
(8.2 V typ), the start circuit operates and VCC charging is started.
I: When VCC voltage becomes VCC> V
UVLO1 (13.5 V typ), the start circuit stops charging VCC.
J: Same as F
K: Same as G
Startup waveforms are shown as reference examples in Figure 9 and Figure 10.
Soft start
Vlim1
Start ~  0.5 ms
0.10 V (12%)
0.5 ms  ~1 ms
0.15 V (25%)
1 ms  ~2 ms
0.20 V (50%)
2 ms  ~ 4 ms
0.30 V (75%)
4 ms ~
0.500 V (100%)


Similar Part No. - BM1P108FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P108FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com