Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM1P108FJ-E2 Datasheet(PDF) 11 Page - Rohm

Part # BM1P108FJ-E2
Description  PWM Control IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P108FJ-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BM1P108FJ-E2 Datasheet HTML 7Page - Rohm BM1P108FJ-E2 Datasheet HTML 8Page - Rohm BM1P108FJ-E2 Datasheet HTML 9Page - Rohm BM1P108FJ-E2 Datasheet HTML 10Page - Rohm BM1P108FJ-E2 Datasheet HTML 11Page - Rohm BM1P108FJ-E2 Datasheet HTML 12Page - Rohm BM1P108FJ-E2 Datasheet HTML 13Page - Rohm BM1P108FJ-E2 Datasheet HTML 14Page - Rohm BM1P108FJ-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11/26
Datasheet
Datasheet
BM1P107FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(4) DC/DC driver (PWM comparator, frequency hopping, slope compensation, OSC, burst)
(4-1) PWM basic operations
Figure 13 shows a PWM basic block diagram and Figure 14 illustrates PWM basic operations.
Figure 13. Block Diagram of IC Internal PWM Operations
Figure 14. PWM Basic Operations
A:
A SET signal is output from the oscillator in the IC, and the MOSFET is turned ON.
At that time, the capacitance between the MOSFET drain and source becomes discharged, and noise is
generated at the CS pin.
This noise is called the leading edge.
This IC has a built-in filter for this noise. (See (5).)
As a result of this filter and delay time, the minimum pulse width of the IC is 400 ns (typ).
Afterward, current flow to the MOSFET and the Vcs = Rs * Ip voltage is applied to the CS pin.
B:
When CS pin voltage rises to become greater than the FB pin voltage/Gain (typ = 4) or the overcurrent detection
voltage Vcs, the RESET signal is output and OUT is turned off.
C:
There is a delay time Tondelay between time point B and actual turn-off. This time is the result of differences in
maximum power that occur based on the AC voltage. This IC includes a function that suppresses these
differences. (See (4-4).)
D:
The energy that accumulates in the transformer during Ton status is discharged to the secondary side, and the
drain voltage starts to oscillate freely based on the transformer Lp value and the MOSFET Cds (drain-source
capacitance).
E:
Since the switching frequency within the IC is predetermined, SET signal output from the internal oscillator occurs
for a set period starting from point A, and the MOSFET is turned on.
Ip


Similar Part No. - BM1P108FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P108FJ-E2 ROHM-BM1P108FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
More results

Similar Description - BM1P108FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com