Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60015FV-LB Datasheet(PDF) 9 Page - Rohm

Part # BM60015FV-LB
Description  Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60015FV-LB Datasheet(HTML) 9 Page - Rohm

Back Button BM60015FV-LB Datasheet HTML 5Page - Rohm BM60015FV-LB Datasheet HTML 6Page - Rohm BM60015FV-LB Datasheet HTML 7Page - Rohm BM60015FV-LB Datasheet HTML 8Page - Rohm BM60015FV-LB Datasheet HTML 9Page - Rohm BM60015FV-LB Datasheet HTML 10Page - Rohm BM60015FV-LB Datasheet HTML 11Page - Rohm BM60015FV-LB Datasheet HTML 12Page - Rohm BM60015FV-LB Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Datasheet
9/25
TSZ02201-0818ABZ00050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
25.Jul.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BM60015FV-LB
Recommended Operating Ratings (Ta= -40°C to +105°C)
Parameter
Symbol
Min.
Max.
Units
Input-side Supply Voltage
VCC1(Note 8)
4.5
5.5
V
Output-side Supply Voltage
VCC2(Note 9)
10
24
V
(Note 8)
Relative to GND1.
(Note 9)
Relative to GND2.
Insulation Related Characteristics
Reinforced insulation requirements according to VDE0884-10(pending)
Parameter
Symbol
Characteristic
Units
Insulation classification per EN 60664-1, Table 1
For rated main voltage< 150Vrms
For rated main voltage< 300Vrms
For rated main voltage< 450Vrms
For rated main voltage< 600Vrms
Rated Impulse Voltage
I - IV
I - IV
I - III
I - III
-
Climatic Classification
40/125/21
-
Pollution Decree(EN 60664-1)
2
-
Minimum External Clearance
CLR
8.1
mm
Minimum External Creepage
CPG
8.1
mm
Minimum Internal Gap (Internal Clearance)
0.012
mm
Minimum Comparative Tracking Index
CTI
>175
-
Minimum Repetitive Insulation Voltage
VIORM
891
VPK
Input to output] test voltage, method b
VIORM * 1.875= VPR, productive test, tm = 1sec,
Partial discharge < 5pC
VPR
1671
Highest allowable overvoltage
VIOTM
6000
Maximum withstanding Insulation Voltage, 1min
VISO
3750
Vrms
Insulation resistance at TS, VIO = 500V
RIO
>109
Recognized under UV 1577 (pending)
Description
Symbol
Characteristic
Units
Insulation Withstand Voltage / 1min
VISO
3750
Vrms
Insulation Test Voltage / 1sec
VISO
4500
Vrms


Similar Part No. - BM60015FV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-CE2 ROHM-BM60013FV-CE2 Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-CE2 ROHM-BM60014FV-CE2 Datasheet
2Mb / 30P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM60015FV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BM61S40RFV-C ROHM-BM61S40RFV-C Datasheet
2Mb / 28P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM60055FV-C ROHM-BM60055FV-C Datasheet
2Mb / 41P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com