Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60055FV-CE2 Datasheet(PDF) 1 Page - Rohm

Part # BM60055FV-CE2
Description  1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60055FV-CE2 Datasheet(HTML) 1 Page - Rohm

  BM60055FV-CE2 Datasheet HTML 1Page - Rohm BM60055FV-CE2 Datasheet HTML 2Page - Rohm BM60055FV-CE2 Datasheet HTML 3Page - Rohm BM60055FV-CE2 Datasheet HTML 4Page - Rohm BM60055FV-CE2 Datasheet HTML 5Page - Rohm BM60055FV-CE2 Datasheet HTML 6Page - Rohm BM60055FV-CE2 Datasheet HTML 7Page - Rohm BM60055FV-CE2 Datasheet HTML 8Page - Rohm BM60055FV-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
〇Product structure : Silicon integrated circuit 〇This product has no designed protection against radioactive rays
.
1/37
TSZ02201-0818ABH00120-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
15.Feb.2016 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
1ch Gate Driver Providing Galvanic Isolation
2500Vrms Isolation Voltage
BM60055FV-C
General Description
The BM60055FV-C is a gate driver with an isolation
voltage of 2500Vrms, I/O delay time of 250ns, minimum
input pulse width of 170ns. It incorporates the fault signal
output function (FLT_UVLO, FLT_SC, FLT_OT), under
voltage lockout (UVLO) function, short circuit protection
(SCP) function, over temperature protection (OT)
function, over current protection (OC) function, Soft turn
off function, 2 level turn off function, active miller
clamping function, switching controller function and
output state feedback function.
Features
Fault Signal Output Function
Under Voltage Lockout Function
Short Circuit Protection Function
Over Current Protection Function
Over Temperature Protection
Temperature Compensation of OC
Soft Turn Off Function of SCP
2 Level Turn Off Function
Active Miller Clamping
Switching Controller
Output State Feedback Function
AEC-Q100 Qualified
(Note 1)
(Note 1:Grade1)
Applications
Automotive isolated IGBT/MOSFET inverter
gate drive.
Automotive DC-DC converter.
Industrial inverters system.
UPS system.
Key Specifications
Isolation Voltage:
2500 [Vrms] (Max)
Maximum Gate Drive Voltage:
24 [V] (Max)
I/O Delay Time:
250 [ns] (Max)
Minimum Input Pulse Width:
170 [ns] (Max)
Package
W(Typ) x D(Typ) x H(Max)
SSOP-B28W
9.2mm x 10.4mm x 2.4mm
Typical Application Circuit
Q
S
R
+
+
DAC
SLOPE
-
+
OSC
OSC
REGULATOR
UVLO_BATT
MAX.Duty
T IMER
T IMER
-
OSC
RESE T
OSC
T IMER
Q
S
R
FLT
LOGIC
OSFB
CURRENT
SOURCE
T emp
Compensation
Filter
Filter
2 level T urn
off Contol
PRE
DRIVER
LOGIC
VCC2
GND1
FLT_UVLO
INB
INA
OSFB
FB
COMP
V_BATT
VREG
FET_G
SENSE
GND1
V_BA TT
GND1
FLT_OT
FLT_SC
ECU
VCC2
GND2
OUT2
RTOFF
SCPIN
OCIN
UVLOIN
GND2
GND2
Filter
Filter
LVOFF
TO
TC
VCC2
PROOUT
OUT1
Rec tifier
/ Ripple f ilter
Rec tifier
/ Ripple f ilter
Snubber
GND2
GND1
TCOMP
Figure 1. Typical Application Circuit
Datasheet


Similar Part No. - BM60055FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60051FV-C ROHM-BM60051FV-C Datasheet
1Mb / 47P
   Fault signal output function
BM60051FV-CE2 ROHM-BM60051FV-CE2 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60052FV-C ROHM-BM60052FV-C Datasheet
2Mb / 37P
   Provides Galvanic Isolation
More results

Similar Description - BM60055FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com