Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM60210FV-C Datasheet(PDF) 9 Page - Rohm

Part # BM60210FV-C
Description  High Voltage High & Low-side, Gate Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60210FV-C Datasheet(HTML) 9 Page - Rohm

Back Button BM60210FV-C Datasheet HTML 5Page - Rohm BM60210FV-C Datasheet HTML 6Page - Rohm BM60210FV-C Datasheet HTML 7Page - Rohm BM60210FV-C Datasheet HTML 8Page - Rohm BM60210FV-C Datasheet HTML 9Page - Rohm BM60210FV-C Datasheet HTML 10Page - Rohm BM60210FV-C Datasheet HTML 11Page - Rohm BM60210FV-C Datasheet HTML 12Page - Rohm BM60210FV-C Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Datasheet
Datasheet
9/23
BM60210FV-C
TSZ02201-0818ABH00140-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
19. Feb. 2016 Rev.001
www.rohm.co.jp
TSZ22111・14・001
Electrical Characteristics
Unless otherwise specified Ta=-40°C to 125°C、VCCA=10V to 24V、VCCB=10V to 24V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
General
VCCB circuit current 1
ICC11
0.31
0.47
0.84
mA
OUTB=L
VCCB circuit current 2
ICC12
0.28
0.40
0.79
mA
OUTB=H
VCCB circuit current 3
ICC12
0.36
0.53
0.92
mA
INA =10kHz, Duty=50%
VCCB circuit current 4
ICC13
0.41
0.61
1.07
mA
INA =20kHz, Duty=50%
VCCA circuit current 1
ICC21
0.26
0.47
0.72
mA
OUTA=L
VCCA circuit current 2
ICC22
0.22
0.45
0.66
mA
OUTA=H
Logic block
Logic high level input voltage
VINH
2.0
-
VCCB
V
INA, INB, ENA
Logic low level input voltage
VINL
0
-
0.8
V
INA, INB, ENA
Logic pull-down resistance
RIND
25
50
100
kΩ
INA, INB, ENA < 3V
Logic pull-down current
IIND
20
50
150
µA
INA, INB, ENA ≥ 3V
Logic input minimum pulse width
tINMIN
-
-
60
ns
INA, INB
ENA input mask time
tENAMSK
0.6
1
1.4
µs
ENA
Output
OUT ON resistance (Source)
RONH
0.4
0.9
2.0
IOUT=-40mA, OUTA, OUTB
OUT ON resistance (Sink)
RONL
0.2
0.6
1.3
IOUT=40mA, OUTA, OUTB
OUT maximum current (Source)
IOUTMAXH
3.0
4.5
-
A
Guaranteed by design,
OUTA, OUTB
OUT maximum current (Sink)
IOUTMAXL
3.0
3.9
-
A
Guaranteed by design,
OUTA, OUTB
OUT Turn ON time
tPON
35
55
75
ns
OUTA, OUTB
OUT Turn OFF time
tPOFF
35
55
75
ns
OUTA, OUTB
OUT Propagation distortion
tPDISTA
-25
0
25
ns
tPOFF – tPON, OUTA, OUTB
Delay matching, HS&LS turn ON/OFF
tDM
-
-
25
ns
OUT Rise time
tRISE
-
50
-
ns
OUT-GND 間 10nF, OUTA, OUTB
OUT Fall time
tFALL
-
50
-
ns
OUT-GND 間 10nF, OUTA, OUTB
MC ON resistance
RONMC
0.20
0.65
1.40
IMC=40mA, MCA, MCB
MC ON threshold voltage
VMCON
1.8
2
2.2
V
MCA, MCB
VREG output voltage
VVREG
4.2
4.7
5.2
V
Common Mode Transient Immunity
CM
100
-
-
kV/µs
Guaranteed by design
Protection functions
UVLO OFF voltage
VUVLOH
9.0
9.5
10.0
V
VCCA, VCCB
UVLO ON voltage
VUVLOL
8.0
8.5
9.0
V
VCCA, VCCB
UVLO mask time
tUVLOAMSK
1.0
2.5
5.0
µs
VCCA, VCCB
INA
(INB)
OUTA
(OUTB)
tRISE
tFALL
tPON
tPOFF
50%
50%
90%
50%
50%
90%
10%
10%
Figure 7. IN-OUT Timing Chart


Similar Part No. - BM60210FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60212FV-C ROHM-BM60212FV-C Datasheet
2Mb / 26P
   1200V High Voltage High and Low Side Driver
18.Jan.2018 Rev.001
BM60212FV-CE2 ROHM-BM60212FV-CE2 Datasheet
2Mb / 26P
   1200V High Voltage High and Low Side Driver
18.Jan.2018 Rev.001
BM60213FV-C ROHM-BM60213FV-C Datasheet
1Mb / 26P
   1200 V High Voltage High and Low Side Driver
More results

Similar Description - BM60210FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BS2103F ROHM-BS2103F Datasheet
895Kb / 24P
   High voltage High & Low-side, Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
Rohm
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
   600V High voltage High & Low-side, Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Linear Technology
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com