Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQCM-100 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQCM-100
Description  OCXO Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQCM-100 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQCM-100 Datasheet HTML 1Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 2Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 3Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 4Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 5Page - IQD Frequency Products Ltd IQCM-100 Datasheet HTML 6Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IQCM-100
OCXO Specification
Frequency Parameters
Frequency
10.0MHz
10MHz RF Output Details, Pin 2:
HCMOS Compatible, 15pF load
(Sinewave 50Ω option available)
VoH: 2.7V min
VoL: 0.4V max
Rise and Fall time: 8ns max
Duty Cycle: 45/55% max
Accuracy (24-hour averaging when locked to 1PPS): ±1E-12
Short Term Stability (tested after power for 1hr ref to 25°C, 1s,
using PN9000 test equipment): 2E-11 max
Ageing (Vs and temperature constant, reference to T=25°C, Vs
= 5.0V and after 30 days operation): ±0.2ppb per day, ±10ppb
per year
24Hrs Holdover capability vs temperature change
For ±1.5µs ΔT<±5°C standard option
Reference 7 days powered on, 2 days GNSS lock
Temperature varied <1°C/min within operating temperature
range
Total temperature change Holdover capability
ΔT<±5°C
±1.5µs max (specified)
ΔT<±10°C
±2.4µs max
ΔT<±20°C
±4.1µs max
1.5µs Holdover capability vs temperature change
For ±1.5µs ΔT<±5°C standard option
Reference 7 days powered on, 2 days GNSS lock
Temperature varied <1°C/min within operating temperature
range
Total temperature change Max time with ±1.5µs
ΔT<±5°C
24Hrs (Specified)
ΔT<±10°C
15Hrs
ΔT<±20°C
9hrs
Electrical Parameters
5.0V ±5%
Supply Voltage
1PPS Reference Input, Pin 10 (50Ω test condition):
Waveform: HCMOS
ViH: 2.7V min
ViL: 0.4V max
Pulse Width: 10us min
Stability: 200ns max
State Input, Pin 8 (<5mA load):
Lock: 2.7V min
Unlock: 0.4V max
Power Supply Details, Pin 12:
Supply Voltage: 5.0V ±5%
Current Consumption: 2.5A during warm up, 1A steady state
@25°C
Warm up time: 15mins
AC Ripple: 50mV pk-pk max, 10Hz to 1MHz
12.0V supply voltage also available, please contact our sale
office for details.
Operating Temperature Ranges
-20 to 75°C
Printed on 26 Apr 16 10:46 using Model Data Sheet V1.2550
Page 2 of 6
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQCM-100

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
More results

Similar Description - IQCM-100

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQOV-71 IQD-IQOV-71 Datasheet
167Kb / 5P
   OCXO Specification
IQOV-90 IQD-IQOV-90 Datasheet
274Kb / 3P
   OCXO Specification
IQCM-110 IQD-IQCM-110 Datasheet
239Kb / 4P
   OCXO Specification
IQOV-74 IQD-IQOV-74 Datasheet
457Kb / 4P
   OCXO Specification
IQOV-114 IQD-IQOV-114 Datasheet
809Kb / 2P
   OCXO Specification
IQCM-200 IQD-IQCM-200 Datasheet
424Kb / 5P
   OCXO Specification
IQOV-72 IQD-IQOV-72 Datasheet
139Kb / 3P
   OCXO Specification
IQOV-164 IQD-IQOV-164 Datasheet
1Mb / 3P
   OCXO Specification
IQOV-210F IQD-IQOV-210F Datasheet
1,010Kb / 3P
   OCXO Specification
IQOV-50 IQD-IQOV-50 Datasheet
682Kb / 2P
   OCXO Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com