Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6712A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6712A
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6712A Datasheet HTML 7Page - STMicroelectronics L6712A Datasheet HTML 8Page - STMicroelectronics L6712A Datasheet HTML 9Page - STMicroelectronics L6712A Datasheet HTML 10Page - STMicroelectronics L6712A Datasheet HTML 11Page - STMicroelectronics L6712A Datasheet HTML 12Page - STMicroelectronics L6712A Datasheet HTML 13Page - STMicroelectronics L6712A Datasheet HTML 14Page - STMicroelectronics L6712A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
L6712A L6712
CURRENT READING AND OVER CURRENT
The current flowing trough each phase is read using the voltage drop across the low side mosfets RdsON
or across a sense resistor (RSENSE) in series to the LS mosfet and internally converted into a current. The
transconductance ratio is issued by the external resistor Rg placed outside the chip between ISENx and
PGNDSx pins toward the reading points. The differential current reading rejects noise and allows to place
sensing element in different locations without affecting the measurement's accuracy. The current reading
circuitry reads the current during the time in which the low-side mosfet is on (OFF Time). During this time,
the reaction keeps the pin ISENx and PGNDSx at the same voltage while during the time in which the
reading circuitry is off, an internal clamp keeps these two pins at the same voltage sinking from the ISENx
pin the necessary current (Needed if low-side mosfet RdsON sense is implemented to avoid absolute max-
imum rating overcome on ISENx pin).
The proprietary current reading circuit allows a very precise and high bandwidth reading for both positive
and negative current. This circuit reproduces the current flowing through the sensing element using a high
speed Track & Hold transconductance amplifier. In particular, it reads the current during the second half
of the OFF time reducing noise injection into the device due to the mosfet turn-on (See fig. 4-left). Track
time must be at least 200ns to make proper reading of the delivered current.
This circuit sources a constant 50
µA current from the PGNDSx pin: it must be connected through the Rg
resistor to the ground side of the sensing element (See Figure 4-right). The two current reading circuitries
use this pin as a reference keeping the ISENx pin to this voltage.
The current that flows in the ISENx pin is then given by the following equation:
Where RSENSE is an external sense resistor or the RdsON of the low side mosfet and Rg is the transcon-
ductance resistor used between ISENx and PGNDSx pins toward the reading points; IPHASEx is the current
carried by the relative phase. The current information reproduced internally is represented by the second
term of the previous equation as follow:
Since the current is read in differential mode, also negative current information is kept; this allow the de-
vice to check for dangerous returning current between the two phases assuring the complete equalization
between the phase's currents. From the current information of each phase, information about the total cur-
rent delivered (IFB = IINFO1 +IINFO2) and the average current for each phase (IAVG = (IINFO1 +IINFO2)/2 ) is
taken. IINFOX is then compared to IAVG to give the correction to the PWM output in order to equalize the
current carried by the two phases.
Figure 4. Current reading timing (left) and circuit (right)
I
ISENx
50
µA
R
SENSE
I
PHASEx
R
g
-------------------------------------------------
50
µAI
INFOx
+
=
+
=
I
INFOx
R
SENSE
I
PHASEx
R
g
-------------------------------------------------
=
Rg
50
µA
IISENx
Rg
LGATEx
ISENx
PGNDSx
ILS1
ILS2
Track & Hold
IFB


Similar Part No. - L6712A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6712A STMICROELECTRONICS-L6712A Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712AD STMICROELECTRONICS-L6712AD Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712ADTR STMICROELECTRONICS-L6712ADTR Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712AQ STMICROELECTRONICS-L6712AQ Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712AQTR STMICROELECTRONICS-L6712AQTR Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
More results

Similar Description - L6712A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com