Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC621CVPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC621CVPA
Description  5V, Dual Trip Point Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC621CVPA Datasheet(HTML) 3 Page - Microchip Technology

  TC621CVPA Datasheet HTML 1Page - Microchip Technology TC621CVPA Datasheet HTML 2Page - Microchip Technology TC621CVPA Datasheet HTML 3Page - Microchip Technology TC621CVPA Datasheet HTML 4Page - Microchip Technology TC621CVPA Datasheet HTML 5Page - Microchip Technology TC621CVPA Datasheet HTML 6Page - Microchip Technology TC621CVPA Datasheet HTML 7Page - Microchip Technology TC621CVPA Datasheet HTML 8Page - Microchip Technology TC621CVPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2001-2015 Microchip Technology Inc.
DS20001439E-page 3
TC620/TC621
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ....................................................... 20V
Input Voltage Any Input .. (GND – 0.3V) to (VDD +0.3V)
Package Power Dissipation (TA  70°C)
PDIP ............................................. 730 mW
SOIC ............................................. 470 mW
Derating Factors:
Plastic .......................................... 8 mW/°C
Operating Temperature:
V Version ......................... -40°C to +125°C
E Version ........................... -40°C to +85°C
C Version .............................. 0°C to +70°C
Storage Temperature ......................... -65°C to +150°C
*Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC620/TC621 ELECTRICAL SPECIFICATIONS
TEMPERATURE CHARACTERISTICS
Electrical Characteristics: TA = 25°C, unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
VDD
Supply Voltage Range
4.5
18
V
IDD
Supply Current
270
400
A5V  V
DD  18V
ROUT
Output Resistance
400
1000
W
Output High or Low, 5V
 V
DD  18V
IOUT
Output Current
1
mA
Temp. Sensed
Source/Sink
IOUT
Output Current
1
mA
Cool/Heat
Source/Sink
TERR
Absolute Accuracy
T - 3
T
T + 3
°C
T = Programmed Temperature
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range (C)
TA
0—
+70
°C
Specified Temperature Range (E)
TA
-40
+85
°C
Specified Temperature Range (V)
TA
-40
+125
°C
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature Range
TA
-65
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-PDIP
JA
—125
°C/W
Thermal Resistance, 8L-SOIC
JA
—155
°C/W


Similar Part No. - TC621CVPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC621CCOA TELCOM-TC621CCOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC621CCPA TELCOM-TC621CCPA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC621CEOA TELCOM-TC621CEOA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
TC621CEPA TELCOM-TC621CEPA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results

Similar Description - TC621CVPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com