Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE240A2451F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # TE240A2451F01
Description  240W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE240A2451F01 Datasheet(HTML) 1 Page - SL Power Electronics

  TE240A2451F01 Datasheet HTML 1Page - SL Power Electronics TE240A2451F01 Datasheet HTML 2Page - SL Power Electronics TE240A2451F01 Datasheet HTML 3Page - SL Power Electronics TE240A2451F01 Datasheet HTML 4Page - SL Power Electronics TE240A2451F01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE240
240W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE240 Rev 2.1
15-AUG-16
1
Features
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 240W of AC-DC Power
Universal Input 90-264Vac Input Range
IP22 Rated Enclosure
Meets “Heavy Industrial” Levels of EN61000
EMC Requirements
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
Approved to EN/IEC/UL60950-1, 2
nd Edition,
Am. 2
E-cap life of >7 years
3 Year Warranty
Optional AC Input On/Off Switch
Description
A high performance AC to DC external power supply family designed for test & measurement and industrial applications.
Fully compliant with Efficiency Level VI requirements per U.S. Dept. of Energy, and also compliant to the Heavy Industrial
levels of various EN61000-4-x standards for EMC. The TE240 series models also meet Class B conducted and radiated
EMI per FCC Part 15, EN55022, CISPR22. Designed to allow easy integration with test and measurement equipment
and other industrial applications.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output Cable
Input
Number
4
Volts
Current
Power
Noise
¹
Regulation
Regulation
& Connector
Configuration
TE240A1251F01
12.0V
16.6A
200W
120mV pk-pk
±1%
±5%
6 pin Molex Type, p/n 39-
01-2060 or equivalent. See
outline drawing for pinout
information.
Class I Desktop,
IEC60320 C14
Receptacle
TE240A2451F01
24.0V
10.0A
240W
240mV pk-pk
±1%
±5%
TE240A2851F01
28.0V
8.60A
240W
280mV pk-pk
±1%
±5%
TE240A4851F01
48.0V
5.00A
240W
480mV pk-pk
±1%
±5%
Notes:
1. Measured at the output connector, with noise probe directly across output and load, terminated with 0.1μF ceramic and 47μF low ESR capacitors.
2. The DC output is floating. For Input Class I models, AC GND is connected to output common (-), on models with the letter “B” inserted in the model number where the “A” is located:
(TE240B1251F01).
3. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
4. Consult factory for availability of 28V output model.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
Turn On Time
Less than 1 sec @115Vac, full load
Input Current
115Vac: 2.4A, 230Vac: 1.2A
Hold-up Time
20mS min., at full Load, 100Vac input
Inrush Current
264Vac, cold start: will not exceed 60A
Overtemperature
Protection
Will shutdown upon an over-temperature
condition, auto-recovery.
Input Fuses
F1, F2: 3.15A, 250Vac fuses (line & neutral
lines) provided on all models
Overload Protection
115 to 160% of rating, Hiccup Mode
Earth Leakage
Current
Input-GND: <500μA@264Vac, 60Hz, NC
Output-GND: <4mA@264Vac, 60Hz, NC
Short Circuit
Protection
Hiccup Mode, auto recovery.
Efficiency
Meets US DoE Efficiency Level VI average
efficiency levels
Overvoltage
Protection
110 to 130% of output voltage (max. 60V on
48V model), hiccup mode


Similar Part No. - TE240A2451F01

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
TE24010S1 VITALCONN-TE24010S1 Datasheet
630Kb / 2P
   10G BASE-T MAGNETICS MODULES Support 4PPoE
More results

Similar Description - TE240A2451F01

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com