Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE40A1803F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # TE40A1803F01
Description  40W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE40A1803F01 Datasheet(HTML) 1 Page - SL Power Electronics

  TE40A1803F01 Datasheet HTML 1Page - SL Power Electronics TE40A1803F01 Datasheet HTML 2Page - SL Power Electronics TE40A1803F01 Datasheet HTML 3Page - SL Power Electronics TE40A1803F01 Datasheet HTML 4Page - SL Power Electronics TE40A1803F01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE40
40W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE40 Rev 2.1
2-MAY-16
1
Features
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 40W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets “Heavy Industrial” Levels of EN61000
EMC Requirements
Meets EN55011/CISPR11, and FCC Part
15.109 Class B Conducted & Radiated
Emissions, with 6db margin
Approved to EN/IEC/UL60950-1, 2
nd Ed., Am. 2
E-cap life of >8 years
>1,000,000 hours MTBF
3 Year Warranty
RoHS Compliant
Description
A high performance AC to DC external power supply family designed for test & measurement and industrial applications.
The TE40A Series models are compliant with Efficiency Level VI requirements per U.S. Dept. of Energy, as well as the
Heavy Industrial levels of various EN61000-4-x standards for EMC. The TE40A series models also meets Class B
conducted and radiated emissions per FCC Part 15, EN55022, and CISPR22, with margin.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Overvoltage
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Trip Range
Connector
Configuration
TE40A1203F01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class I Desktop,
IEC60320 C14
Receptacle
TE40A1803F01
18.0V
2.20A
40W
180mV pk-pk
±1%
±5%
120%-150%
TE40A2403F01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
TE40A1203N01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class I Desktop,
IEC60320 C8
Receptacle
TE40A1803N01
18.0V
2.20A
40W
180mV pk-pk
±1%
±5%
120%-150%
TE40A2403N01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
TE40A1203Q01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C18
Receptacle
TE40A1803Q01
18.0V
2.20A
40W
180mV pk-pk
±1%
±5%
120%-150%
TE40A2403Q01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
TE40A1203B01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Interchangeable
Blades²
TE40A1803B01
18.0V
2.20A
40W
180mV pk-pk
±1%
±5%
120%-150%
TE40A2403B01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
TE40A1203C01
12.0V
3.40A
40W
120mV pk-pk
±1%
±5%
120%-150%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Wall-Plug,
Fixed North
American Blades³
TE40A1803C01
18.0V
2.20A
40W
180mV pk-pk
±1%
±5%
120%-150%
TE40A2403C01
24.0V
1.70A
40W
240mV pk-pk
±1%
±5%
120%-140%
Notes:
1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors.
2. Standard models are fitted with North American blades. Order blade kit KT-1027K for other blades (EU. UK, Australia)
3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”.
4. All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
5. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (TE40B1203F01).


Similar Part No. - TE40A1803F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE40A1803F01 SLPOWER-TE40A1803F01 Datasheet
751Kb / 4P
   40W Single Output External Power
More results

Similar Description - TE40A1803F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40 SLPOWER-ME40_16 Datasheet
483Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40 Datasheet
751Kb / 4P
   40W Single Output External Power
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com